| Electronic Components Datasheet Search |
|
AT89C51SND1C-ROTIL Datasheet(PDF) 116 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51SND1C-ROTIL Datasheet(HTML) 116 Page - ATMEL Corporation |
|
116 / 210 page ![]() 116 AT8xC51SND1C 4109E–8051–06/03 Command Line Controller As shown in Figure 81, the command line controller is divided in 2 channels: the com- mand transmitter channel that handles the command transmission to the card through the MCMD line and the command receiver channel that handles the response reception from the card through the MCMD line. These channels are detailed in the following sections. Figure 81. Command Line Controller Block Diagram Command Transmitter For sending a command to the card, user must load the command index (1 Byte) and argument (4 Bytes) in the command transmit FIFO using the MMCMD register. Before starting transmission by setting and clearing the CMDEN bit in MMCON1 register, user must first configure: • RESPEN bit in MMCON1 register to indicate whether a response is expected or not. • RFMT bit in MMCON0 register to indicate the response size expected. • CRCDIS bit in MMCON0 register to indicate whether the CRC7 included in the response will be computed or not. In order to avoid CRC error, CRCDIS may be set for response that do not include CRC7. Figure 82 summarizes the command transmission flow. As soon as command transmission is enabled, the CFLCK flag in MMSTA is set indicat- ing that write to the FIFO is locked. This mechanism is implemented to avoid command overrun. The end of the command transmission is signalled to you by the EOCI flag in MMINT register becoming set. This flag may generate an MMC interrupt request as detailed in Section "Interrupt", page 124. The end of the command transmission also resets the CFLCK flag. CTPTR MMCON0.4 CRPTR MMCON0.5 MCMD CMDEN MMCON1.0 TX COMMAND Line Finished State Machine Data Converter // -> Serial 5-Byte FIFO MMCMD TX Pointer RFMT MMCON0.1 CRCDIS MMCON0.0 RESPEN MMCON1.1 Data Converter Serial -> // RX Pointer 17 - Byte FIFO MMCMD CFLCK MMSTA.0 CRC7 Generator RX COMMAND Line Finished State Machine CRC7 and Format Checker CRC7S MMSTA.2 RESPFS MMSTA.1 EOCI MMINT.5 EORI MMINT.6 Command Transmitter Command Receiver Write Read |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |