Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 114 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 114 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 110Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 111Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 112Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 113Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 114Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 115Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 116Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 117Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 118Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 210 page
background image
114
AT8xC51SND1C
4109E–8051–06/03
required, to provide 8 (eight) clock cycles for the card to complete the operation
before shutting down the clock. Following is a list of the various bus transactions:
•
A command with no response. 8 clocks after the host command End bit.
•
A command with response. 8 clocks after the card command End bit.
•
A read data transaction. 8 clocks after the End bit of the last data block.
•
A write data transaction. 8 clocks after the CRC status token.
•
The host is allowed to shut down the clock of a “busy” card. The card will complete
the programming operation regardless of the host clock. However, the host must
provide a clock edge for the card to turn off its busy signal. Without a clock edge the
card (unless previously disconnected by a deselect command-CMD7) will force the
MDAT line down, forever.
Description
The MMC controller interfaces to the C51 core through the following eight special func-
tion registers:
MMCON0, MMCON1, MMCON2, the three MMC control registers (see Table 112 to
Table 120); MMSTA, the MMC status register (see Table 115); MMINT, the MMC inter-
rupt register (see Table 116); MMMSK, the MMC interrupt mask register (see
Table 117); MMCMD, the MMC command register (see Table 118); MMDAT, the MMC
data register (see Table 119); and MMCLK, the MMC clock register (see Table 120).
As shown in Figure 78, the MMC controller is divided in four blocks: the clock generator
that handles the MCLK (formally the MMC CLK) output to the card, the command line
controller that handles the MCMD (formally the MMC CMD) line traffic to or from the
card, the data line controller that handles the MDAT (formally the MMC DAT) line traffic
to or from the card, and the interrupt controller that handles the MMC controller interrupt
sources. These blocks are detailed in the following sections.
Figure 78. MMC Controller Block Diagram
Clock Generator
The MMC clock is generated by division of the oscillator clock (F
OSC) issued from the
Clock Controller block as detailed in Section "Oscillator", page 12. The division factor is
given by MMCD7:0 bits in MMCLK register, a value of 0x00 stops the MMC clock.
Figure 79 shows the MMC clock generator and its output clock calculation formula.
OSC
CLOCK
MCMD
MCLK
8
Internal
Bus
MDAT
Command Line
Clock
MMC
Interrupt
Request
Generator
Controller
Data Line
Controller
Interrupt
Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com