Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 110 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 106Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 107Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 108Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 109Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 110Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 111Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 112Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 113Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 210 page
background image
110
AT8xC51SND1C
4109E–8051–06/03
Bus Lines
The MultiMedia Card bus architecture requires all cards to be connected to the same set
of lines. No card has an individual connection to the host or other devices, which
reduces the connection costs of the MultiMedia Card system.
The bus lines can be divided into three groups:
•
Power supply: V
SS1 and VSS2, VDD – used to supply the cards.
•
Data transfer: MCMD, MDAT – used for bi-directional communication.
•
Clock: MCLK – used to synchronize data transfer across the bus.
Bus Protocol
After a power-on reset, the host must initialize the cards by a special message-based
MultiMedia Card bus protocol. Each message is represented by one of the following
tokens:
•
Command: a command is a token which starts an operation. A command is
transferred serially from the host to the card on the MCMD line.
•
Response: a response is a token which is sent from an addressed card (or all
connected cards) to the host as an answer to a previously received command. It is
transferred serially on the MCMD line.
•
Data: data can be transferred from the card to the host or vice-versa. Data is
transferred serially on the MDAT line.
Card addressing is implemented using a session address assigned during the initializa-
tion phase, by the bus controller to all currently connected cards. Individual cards are
identified by their CID number. This method requires that every card will have an unique
CID number. To ensure uniqueness of CIDs the CID register contains 24 bits (MID and
OID fields) which are defined by the MMCA. Every card manufacturers is required to
apply for an unique MID (and optionally OID) number.
MultiMedia Card bus data transfers are composed of these tokens. One data transfer is
a bus operation. There are different types of operations. Addressed operations always
contain a command and a response token. In addition, some operations have a data
token, the others transfer their information directly within the command or response
structure. In this case no data token is present in an operation. The bits on the MDAT
and the MCMD lines are transferred synchronous to the host clock.
2 types of data transfer commands are defined:
•
Sequential commands: These commands initiate a continuous data stream, they
are terminated only when a stop command follows on the MCMD line. This mode
reduces the command overhead to an absolute minimum.
•
Block-oriented commands: These commands send a data block succeeded by CRC
bits. Both read and write operations allow either single or multiple block
transmission. A multiple block transmission is terminated when a stop command
follows on the MCMD line similarly to the stream read.
Figure 70 through Figure 74 show the different types of operations, on these figures,
grayed tokens are from host to card(s) while white tokens are from card(s) to host.
Figure 70. Sequential Read Operation
Data Stream
Command
Response
MCMD
MDAT
Data Stop Operation
Data Transfer Operation
Command
Response
Stop Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com