Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD6NF10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD6NF10
Description  N-CHANNEL 100V - 0.22 ohm - 6A IPAK/DPAK LOW GATE CHARGE STripFET™ POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD6NF10 Datasheet(HTML) 1 Page - STMicroelectronics

  STD6NF10 Datasheet HTML 1Page - STMicroelectronics STD6NF10 Datasheet HTML 2Page - STMicroelectronics STD6NF10 Datasheet HTML 3Page - STMicroelectronics STD6NF10 Datasheet HTML 4Page - STMicroelectronics STD6NF10 Datasheet HTML 5Page - STMicroelectronics STD6NF10 Datasheet HTML 6Page - STMicroelectronics STD6NF10 Datasheet HTML 7Page - STMicroelectronics STD6NF10 Datasheet HTML 8Page - STMicroelectronics STD6NF10 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
June 2001
.
STD6NF10
N-CHANNEL 100V - 0.22
Ω - 6A IPAK/DPAK
LOW GATE CHARGE STripFET™ POWER MOSFET
s
TYPICAL RDS(on) = 0.22 Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
LOW THRESHOLD DRIVE
s
THROUGH-HOLE IPAK (TO-251) POWER
PACKAGE IN TUBE (SUFFIX “-1")
s
SURFACE-MOUNTING DPAK (TO-252)
POWER PACKAGE IN TAPE & REEL
(SUFFIX “T4")
DESCRIPTION
This MOSFET series realized with STMicroelectronics
unique STripFET process has specifically been designed
to minimize input capacitance and gate charge. It is
therefore suitable as primary switch in advanced high-
efficiency, high-frequency isolated DC-DC converters for
Telecom and Computer applications. It is also intended
for any applications with low gate drive requirements.
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
UPS AND MOTOR CONTROL
TYPE
VDSS
RDS(on)
ID
STD6NF10
100 V
<0.250
Ω
6 A
3
2
1
1
3
IPAK
TO-251
(Suffix “-1”)
DPAK
TO-252
(Suffix “T4”)
ABSOLUTE MAXIMUM RATINGS
(•) Pulse width limited by safe operating area.
(1) ISD ≤6A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(2) Starting Tj = 25 oC, ID = 3A, VDD= 50V
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
100
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuos) at TC = 25°C
6A
ID
Drain Current (continuos) at TC = 100°C
4A
IDM(•)
Drain Current (pulsed)
24
A
Ptot
Total Dissipation at TC = 25°C
30
W
Derating Factor
0.2
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
40
V/ns
EAS (2)
Single Pulse Avalanche Energy
200
mJ
Tstg
Storage Temperature
-65 to 175
°C
Tj
Max. Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STD6NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD6NF10 STMICROELECTRONICS-STD6NF10 Datasheet
333Kb / 14P
N-channel 100 V, 0.22 廓, 6 A, DPAK, IPAK low gate charge STripFET??Power MOSFET
19-Nov-2008
logo
VBsemi Electronics Co.,...
STD6NF10-1 VBSEMI-STD6NF10-1 Datasheet
1Mb / 9P
N-Channel 100-V (D-S) MOSFET
logo
STMicroelectronics
STD6NF10T4 STMICROELECTRONICS-STD6NF10T4 Datasheet
333Kb / 14P
N-channel 100 V, 0.22 廓, 6 A, DPAK, IPAK low gate charge STripFET??Power MOSFET
19-Nov-2008
logo
VBsemi Electronics Co.,...
STD6NF10T4 VBSEMI-STD6NF10T4 Datasheet
1,010Kb / 7P
N-Channel 100 V (D-S) MOSFET
logo
STMicroelectronics
STD6NF10 STMICROELECTRONICS-STD6NF10_08 Datasheet
333Kb / 14P
N-channel 100 V, 0.22 廓, 6 A, DPAK, IPAK low gate charge STripFET??Power MOSFET
19-Nov-2008
More results

Similar Description - STD6NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10NF10 STMICROELECTRONICS-STD10NF10 Datasheet
458Kb / 14P
N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
07-Aug-2006
STD15NF10 STMICROELECTRONICS-STD15NF10 Datasheet
412Kb / 13P
N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
08-Aug-2006
STD20NF10 STMICROELECTRONICS-STD20NF10 Datasheet
303Kb / 9P
N-CHANNEL 100V - 0.038 ohm - 25A IPAK/DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Oct-2002
STD25NF10 STMICROELECTRONICS-STD25NF10 Datasheet
437Kb / 9P
N-CHANNEL 100V - 0.033ohm - 25A DPAK LOW GATE CHARGE STripFET™ POWER MOSFET
May-2002
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Feb-2003
STD5NE10L STMICROELECTRONICS-STD5NE10L Datasheet
43Kb / 6P
N - CHANNEL 100V - 0.3 ohm - 5A - DPAK/IPAK STripFET POWER MOSFET
Oct-1998
STP135N10 STMICROELECTRONICS-STP135N10 Datasheet
204Kb / 8P
N-CHANNEL 100V - 0.007 ohm - 135A DPAK/TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Jul-2003
STD55NH2LL STMICROELECTRONICS-STD55NH2LL Datasheet
655Kb / 12P
N-CHANNEL 24V - 0.010ohm - 40A DPAK/IPAK ULTRA LOW GATE CHARGE STripFET POWER MOSFET
Mar-2004
STD6NF10 STMICROELECTRONICS-STD6NF10_08 Datasheet
333Kb / 14P
N-channel 100 V, 0.22 廓, 6 A, DPAK, IPAK low gate charge STripFET??Power MOSFET
19-Nov-2008
STD25NF10LT4 STMICROELECTRONICS-STD25NF10LT4 Datasheet
432Kb / 13P
N-channel 100V - 0.030Ohm - 25A - DPAK Low gate charge STripFET II Power MOSFET
03-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com