Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C511 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 2Page - Siemens Semiconductor Group C511 Datasheet HTML 3Page - Siemens Semiconductor Group C511 Datasheet HTML 4Page - Siemens Semiconductor Group C511 Datasheet HTML 5Page - Siemens Semiconductor Group C511 Datasheet HTML 6Page - Siemens Semiconductor Group C511 Datasheet HTML 7Page - Siemens Semiconductor Group C511 Datasheet HTML 8Page - Siemens Semiconductor Group C511 Datasheet HTML 9Page - Siemens Semiconductor Group C511 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 128 page
background image
Introduction
Semiconductor Group
1-1
1
Introduction
The C511-R, C511A-R, C513-R, C513A-R, C513A-2R, and C513A-H are members of a family of
low cost microcontrollers, which are software compatible with the components of the SAB 8051,
SAB 80C51 and C500 families.
The five versions with the “-R” extension contain a non-volatile read-only program memory (ROM).
The C513A-H is a version with a 12 Kbyte EEPROM instead of ROM. This device can be used for
prototype designs which have a demand for reprogrammable on-chip code memory.
The microcontroller versions differ in functionality according table 1-1. They offer different ROM
sizes, different RAM/XRAM sizes and a different timer/USART configuration. Common to all
devices is an advanced SSC serial port, a second synchronous serial interface, which is compatible
to the SPI serial bus industry standard. Except the EEPROM size, the functionality of the C513A-H
is a superset of all ROM versions of the C511/513 family.
In this user manual the microcontroller family is also referenced with the term C511/513 and the
ROM versions are referenced without the “-R” extension. If some of the features described are
applicable to selected family members only, this will be explicitly stated.
Table 1-1
Functionality of the C511/513 MCUs
Note: 1) T0 and T1 are the standard 16-bit timer. T2 is the 16-bit timer with autoreload.
2) USART is the Universal Synchronous/Asynchronous Receive/Transmit interface.
3) SSC is the Synchronous Serial Channel (SPI compatible interface).
According table 1-1, figure 1-1 to figure 1-4 show the functional units of the members of the C511/
513 family microcontrollers.
Device
ROM
Size
EEPROM
Size
RAM
Size
XRAM
Size
Timers 1)
USART 2)
SSC 3)
C511
2.5 KB
–
128 B
–
T0, T1
–

C511A
4 KB
–
256 B
–
T0, T1
–

C513
8 KB
–
256 B
–
T0, T1, T2

C513A
12/16 KB
–
256 B
256 B
T0, T1, T2

C513A-H
–
12 KB
256 B
256 B
T0, T1, T2




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com