Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C167CS-4RM Datasheet(PDF) 95 Page - Infineon Technologies AG

Part # C167CS-4RM
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS-4RM Datasheet(HTML) 95 Page - Infineon Technologies AG

Back Button C167CS-4RM Datasheet HTML 91Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 92Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 93Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 94Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 95Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 96Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 97Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 98Page - Infineon Technologies AG C167CS-4RM Datasheet HTML 99Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 517 page
background image
C167CS
Derivatives
Interrupt and Trap Functions
User’s Manual
5-12
V2.0, 2000-07
5.2
Operation of the PEC Channels
The C167CS’s Peripheral Event Controller (PEC) provides 8 PEC service channels,
which move a single byte or word between two locations in segment 0 (data pages
3 … 0). This is the fastest possible interrupt response and in many cases is sufficient to
service the respective peripheral request (e.g. serial channels, etc.). Each channel is
controlled by a dedicated PEC Channel Counter/Control register (PECCx) and a pair of
pointers for source (SRCPx) and destination (DSTPx) of the data transfer.
The PECC registers control the action that is performed by the respective PEC channel.
PECCx
PEC Control Reg.
SFR (FECyH/6zH, see Table 5-4)
Reset Value: 0000H
15
14
13
12
11
10
98765
43210
INC
BWT
COUNT
-
-
-
-
-
rw
rw
rw
Bit
Function
COUNT
PEC Transfer Count
Counts PEC transfers and influences the channel’s action (see Table 5-5)
BWT
Byte/Word Transfer Selection
0:
Transfer a Word
1:
Transfer a Byte
INC
Increment Control (Modification of SRCPx or DSTPx)
0 0:
Pointers are not modified
0 1:
Increment DSTPx by 1 or 2 (BWT)
1 0:
Increment SRCPx by 1 or 2 (BWT)
1 1:
Reserved. Do not use this combination.
(changed to ‘10’ by hardware)
Table 5-4
PEC Control Register Addresses
Register
Address
Reg. Space
Register
Address
Reg. Space
PECC0
FEC0H/60H
SFR
PECC4
FEC8H/64H
SFR
PECC1
FEC2H/61H
SFR
PECC5
FECAH/65H
SFR
PECC2
FEC4H/62H
SFR
PECC6
FECCH/66H
SFR
PECC3
FEC6H/63H
SFR
PECC7
FECEH/67H
SFR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com