| Electronic Components Datasheet Search |
|
V58C2128164S Datasheet(PDF) 21 Page - Mosel Vitelic, Corp |
|
|
|||||||||||||||||||||||||||||
V58C2128164S Datasheet(HTML) 21 Page - Mosel Vitelic, Corp |
|
21 / 59 page ![]() 21 MOSEL VITELIC V58C2128(804/404/164)S V58C2128(804/404/164)S Rev. 1.6 March 2002 Data Mask Function The DDR SDRAM has a Data Mask function that is used in conjunction with the Write cycle, but not the Read cycle. When the Data Mask is activated (DM high) during a Write operation, the Write is blocked (Mask to Data Latency = 0). When issued, the Data Mask must be referenced to both the rising and falling edges of Data Strobe. Data Mask Timing Burst Interruption Read Interrupted by a Read A Burst Read can be interrupted before completion of the burst by issuing a new Read command to any bank. When the previous burst is interrupted, the remaining addresses are overridden with a full burst length starting with the new address. The data from the first Read command continues to appear on the outputs until the CAS latency from the interrupting Read command is satisfied. At this point, the data from the interrupting Read command appears on the bus. Read commands can be issued on each rising edge of the system clock. It is illegal to interrupt a Read with autoprecharge command with a Read command. Read Interrupted by a Read Command Timing (CAS Latency = Any; Burst Length = 8) T0 T1 T2 T3 T4 T5 T6 T7 T8 D0 D1 D2 D3 D4 D5 D6 D7 NOP NOP NOP NOP NOP NOP NOP Write CK, CK Command DQS DQ DM T9 tDMDQSS tDMDQSS tDMDQSH tDMDQSH (CAS Latency = 2; Burst Length = 4) T0 T1 T2 T3 T4 T5 T6 T7 T8 ReadB NOP NOP NOP NOP NOP NOP DA0 DA1 DB0 DB1 ReadA DB2 DB3 CK, CK Command DQS DQ T9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |