Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STE2002DIE1 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STE2002DIE1
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE1 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STE2002DIE1 Datasheet HTML 19Page - STMicroelectronics STE2002DIE1 Datasheet HTML 20Page - STMicroelectronics STE2002DIE1 Datasheet HTML 21Page - STMicroelectronics STE2002DIE1 Datasheet HTML 22Page - STMicroelectronics STE2002DIE1 Datasheet HTML 23Page - STMicroelectronics STE2002DIE1 Datasheet HTML 24Page - STMicroelectronics STE2002DIE1 Datasheet HTML 25Page - STMicroelectronics STE2002DIE1 Datasheet HTML 26Page - STMicroelectronics STE2002DIE1 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
23/51
STE2002
If SCE stays low after the last bit of a command/data byte, the serial interface expects the MSB of the next byte
at the next SCLK positive edge.
A reset pulse on RES pin interrupts the transmission. No data is written into the data RAM and all the internal
registers are cleared.
If SCE is low after the positive edge of RES, the serial interface is ready to receive data.
Throughout SOUT can be read only the driver I2C slave address. The Command sequence that allows to read
I2C slave address is reported in Fig. 34 & 35. SOUT is in High impedance in steady state and during data write.
It is possible to short circuit DOUT and SDIN and read I2C address without any additional lines.
Figure 32. Serial bus protocol - one byte transmission
Figure 33. Serial bus protocol - several byte transmission
Figure 34. Serial bus protocol - several byte transmission
MSB
LSB
D/C
SCE
SDIN
SCLK
D00IN1159
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB7
DB6
DB5
D/C
SCE
SDIN
SCLK
D00IN1160
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Don't
Care
DB7
DB6
DB5
D/C
SCE
SDIN
SCLK
D00IN1160
High-Z
DB1
DB0
SOUT
High-Z
Don't
Care
Don't
Care
Don't
Care
Don't
Care
Don't
Care
Don't
Care
Don't
Care
Command Write
I2C Address Read
DB7
DB6
DB5
DB4
DB3
DB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com