Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS83C320-ENG Datasheet(PDF) 36 Page - Dallas Semiconductor

Part # DS83C320-ENG
Description  High-Speed Microcontroller User Guide
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS83C320-ENG Datasheet(HTML) 36 Page - Dallas Semiconductor

Back Button DS83C320-ENG Datasheet HTML 32Page - Dallas Semiconductor DS83C320-ENG Datasheet HTML 33Page - Dallas Semiconductor DS83C320-ENG Datasheet HTML 34Page - Dallas Semiconductor DS83C320-ENG Datasheet HTML 35Page - Dallas Semiconductor DS83C320-ENG Datasheet HTML 36Page - Dallas Semiconductor DS83C320-ENG Datasheet HTML 37Page - Dallas Semiconductor DS83C320-ENG Datasheet HTML 38Page - Dallas Semiconductor DS83C320-ENG Datasheet HTML 39Page - Dallas Semiconductor DS83C320-ENG Datasheet HTML 40Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 175 page
background image
High-Speed Microcontroller User’s Guide
36 of 175
Port 3 (P3)
7
6
5
4
3
2
1
0
SFR B0h
P3.7
RD
P3.6
WR
P3.5
T1
P3.4
T0
P3.3
1
INT
P3.2
0
INT
P3.1
TXD0
P3.0
RXD0
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
RW-1
R=Unrestricted Read, W=Unrestricted Write, -n=Value after Reset
P3.7-0
Bits 7-0
Purpose I/O Port 3. This register functions as a general purpose I/O port. In
addition, all the pins have an alternative function listed below. Each of the
functions is controlled by several other SFRs. The associated Port 1 latch bit
must contain a logic one before the pin can be used in its alternate function
capacity.
RD
Bit 7
External Data Memory Read Strobe. This pin provides an active low read
strobe to an external memory device.
WR
Bit 6
External Data Memory Write Strobe. This pin provides an active low write
strobe to an external memory device.
T1
Bit 5
Timer/Counter External Input. A 1 to 0 transition on this pin will increment
Timer 1.
T0
Bit 4
Counter External Input. A 1 to 0 transition on this pin will increment Timer 0.
INT1
Bit 3
External Interrupt 1.
A falling edge/low level on this pin will cause an
external interrupt 1 if enabled.
INT0
Bit 2
External Interrupt 0.
A falling edge/low level on this pin will cause an
external interrupt 0 if enabled.
TXD0
Bit 1
Serial Port 0 Transmit. This pin transmits the serial port 0 data in serial port
modes 1, 2, 3 and emits the synchronizing clock in serial port mode 0.
RXD0
Bit 0
Serial Port 0 Receive. This pin receives the serial port 0 data in serial port
modes 1, 2, 3 and is a bi-directional data transfer pin in serial port mode 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com