Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMR25A-1 Datasheet(PDF) 1 Page - SunLED Corporation

Part # DMR25A-1
Description  26mm (1.02 ") SINGLE DIGIT NUMERIC DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DMR25A-1 Datasheet(HTML) 1 Page - SunLED Corporation

  DMR25A-1 Datasheet HTML 1Page - SunLED Corporation DMR25A-1 Datasheet HTML 2Page - SunLED Corporation DMR25A-1 Datasheet HTML 3Page - SunLED Corporation DMR25A-1 Datasheet HTML 4Page - SunLED Corporation DMR25A-1 Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Published Date : MAR 14,2008
Drawing No : SDSA2134
V3
Checked : Shin Chi
P.5/5
Part Number:
DMR25A-1
26mm (1.02 ") SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice
.
Absolute Maximum Ratings
(TA=25°C)
MR
(GaAlAs)
Unit
Reverse Voltage
Per Segment or (DP)
VR
10(5)
V
Forward Current
Per Segment or (DP)
IF
30(30)
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
Per Segment or (DP)
iFS
155(155)
mA
Power Dissipation
Per Segment or (DP)
PT
150(75)
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
MR
(GaAlAs)
Unit
Forward Voltage (Typ.)
Per Segment Or ( DP)
(IF=10mA)
VF
3.6(1.8)
V
Forward Voltage (Max.)
Per Segment Or ( DP)
(IF=10mA)
VF
5.0(2.5)
V
Reverse Current (Max.)
Per Segment Or (DP)
(VR=10(5)V)
IR
10(10)
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
660
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
640
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
Features
● 1.02 INCH DIGIT HEIGHT.
●LOW CURRENT OPERATION.
●EXCELLENT CHARACTER APPEARANCE.
●HIGH LIGHT OUTPUT.
●EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
●I.C. COMPATIBLE.
●MECHANICALLY RUGGED.
●STANARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
yali
n
數位簽署者:yalin
DN:cn=yalin, o,
ou,
email=sjhou@cn.
kingbright.com, c=<
無>
日期︰2008.03.20
10:16:16 +08'00'


Similar Part No. - DMR25A-1

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR25A SUNLED-DMR25A Datasheet
203Kb / 5P
25.4mm (1.0 )SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - DMR25A-1

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC10-11GWA KINGBRIGHT-SC10-11GWA Datasheet
217Kb / 5P
26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-11YWA KINGBRIGHT-SC10-11YWA Datasheet
219Kb / 5P
26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-11EWA KINGBRIGHT-SC10-11EWA Datasheet
219Kb / 5P
26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DUR25C-1 SUNLED-DUR25C-1 Datasheet
206Kb / 5P
26mm (1.02 ") SINGLE DIGIT NUMERIC DISPLAY
DMR25C-1 SUNLED-DMR25C-1 Datasheet
204Kb / 5P
26mm (1.02 ) SINGLE DIGIT NUMERIC DISPLAY
DUR25A-1 SUNLED-DUR25A-1 Datasheet
206Kb / 5P
26mm (1.02 ") SINGLE DIGIT NUMERIC DISPLAY
DUG25A-1 SUNLED-DUG25A-1 Datasheet
205Kb / 5P
26mm (1.02 ) SINGLE DIGIT NUMERIC DISPLAY
DUG25C-1 SUNLED-DUG25C-1 Datasheet
205Kb / 5P
26mm (1.02 ) SINGLE DIGIT NUMERIC DISPLAY
DUY25A-1 SUNLED-DUY25A-1 Datasheet
204Kb / 5P
26mm (1.02 ) SINGLE DIGIT NUMERIC DISPLAY
DUY25C-1 SUNLED-DUY25C-1 Datasheet
203Kb / 5P
26mm (1.02 ) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com