Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6387ED Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6387ED
Description  High-voltage high and low side driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6387ED Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6387ED Datasheet HTML 7Page - STMicroelectronics L6387ED Datasheet HTML 8Page - STMicroelectronics L6387ED Datasheet HTML 9Page - STMicroelectronics L6387ED Datasheet HTML 10Page - STMicroelectronics L6387ED Datasheet HTML 11Page - STMicroelectronics L6387ED Datasheet HTML 12Page - STMicroelectronics L6387ED Datasheet HTML 13Page - STMicroelectronics L6387ED Datasheet HTML 14Page - STMicroelectronics L6387ED Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package mechanical data
L6387E
12/15
Figure 11.
SO-8 mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.750
0.0689
A1
0.100
0.250 0.0039
0.0098
A2
1.250
0.0492
b
0.280
0.480 0.0110
0.0189
c
0.170
0.230 0.0067
0.0091
D (1)
4.800
4.900
5.000 0.1890 0.1929 0.1969
E
5.800
6.000
6.200 0.2283 0.2362 0.2441
E1(2)
3.800
3.900
4.000 0.1496 0.1535 0.1575
e
1.270
0.0500
h
0.250
0.500 0.0098
0.0197
L
0.400
1.270 0.0157
0.0500
L1
1.040
0.0409
k
0˚8˚
0˚8˚
ccc
0.100
0.0039
Notes: 1. Dimensions D does not include mold flash,
protrusions or gate burrs.
Mold flash, potrusions or gate burrs shall not
exceed 0.15mm in total (both side).
2. Dimension “E1” does not include interlead flash
or protrusions. Interlead flash or protrusions shall
not exceed 0.25mm per side.
SO-8
0016023 D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com