Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41ST85WMH6TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # M41ST85WMH6TR
Description  3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMH6TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M41ST85WMH6TR Datasheet HTML 22Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 23Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 24Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 25Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 26Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 27Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 28Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 29Page - STMicroelectronics M41ST85WMH6TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
Clock operation
M41ST85W
26/41
3.8
Reset inputs (RSTIN1 & RSTIN2)
The M41ST85W provides two independent inputs which can generate an output reset. The
duration and function of these resets is identical to a reset generated by a power cycle.
Table 5 and Figure 17 illustrate the AC reset characteristics of this function. Pulses shorter
than tRLRH1 and tRLRH2 will not generate a reset condition. RSTIN1 and RSTIN2 are each
internally pulled up to VCC through a 100kΩ resistor.
Figure 17.
RSTIN1 & RSTIN2 timing waveforms
Note:
With pull-up resistor
Table 5.
Reset AC characteristics
3.9
Power-fail input/output
The Power-Fail Input (PFI) is compared to an internal reference voltage (1.25V). If PFI is
less than the power-fail threshold (VPFI), the Power-Fail Output (PFO) will go low. This
function is intended for use as an undervoltage detector to signal a failing power supply.
Typically PFI is connected through an external voltage divider (see Figure 5 on page 11) to
either the unregulated DC input (if it is available) or the regulated output of the VCC
regulator. The voltage divider can be set up such that the voltage at PFI falls below VPFI
several milliseconds before the regulated VCC input to the M41ST85W or the
microprocessor drops below the minimum operating voltage.
During battery back-up, the power-fail comparator turns off and PFO goes (or remains) low.
This occurs after VCC drops below VPFD(min). When power returns, PFO is forced high,
irrespective of VPFI for the write protect time (trec), which is the time from VPFD(max) until the
inputs are recognized. At the end of this time, the power-fail comparator is enabled and PFO
Symbol
Parameter(1)
1.
Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.7 to 3.6V (except where noted).
Min
Max
Unit
tRLRH1
(2)
2.
Pulse width less than 50ns will result in no RESET (for noise immunity).
RSTIN1 Low to RSTIN1 High
200
ns
tRLRH2
(3)
3.
Pulse width less than 20ms will result in no RESET (for noise immunity).
RSTIN2 Low to RSTIN2 High
100
ms
tR1HRH
(4)
4.
Programmable (see Table 6 on page 28).
RSTIN1 High to RST High
40
200
ms
tR2HRH
(4)
RSTIN2 High to RST High
40
200
ms
AI03665
RSTIN2
RST
(1)
RSTIN1
tRLRH1
tRLRH2
tR1HRH
tR2HRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com