| Electronic Components Datasheet Search |
|
M41T93RQA6F Datasheet(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T93RQA6F Datasheet(HTML) 34 Page - STMicroelectronics |
|
34 / 51 page ![]() Clock operation M41T93 34/51 3.13 Oscillator fail detection If the oscillator fail (OF) bit is internally set to a '1,' this indicates that the oscillator has either stopped, or was stopped for some period of time and can be used to judge the validity of the clock and date data. This bit will be set to '1' any time the oscillator stops. In the event the OF bit is found to be set to '1' at any time other than the initial power-up, the STOP bit (ST) should be written to a '1,' then immediately reset to '0.' This will restart the oscillator. The following conditions can cause the OF bit to be set: ● The first time power is applied (defaults to a '1' on power-up). Note: If the OF bit cannot be written to '1' four seconds after the initial power-up, the STOP bit (ST) should be written to a '1,' then immediately reset to '0.' ● The voltage present on VCC or battery is insufficient to support oscillation ● The ST Bit is set to '1.' ● External interference of the crystal For the M41T93, if the oscillator fail interrupt enable bit (OFIE) is set to a '1,' the IRQ/FT/OUT pin will also be activated. The IRQ/FT/OUT output is cleared by resetting the OFIE or OF bit to '0' (NOT by reading the flag register). The OF bit will remain set to '1' until written to logic '0.' The oscillator must start and have run for at least 4 seconds before attempting to reset the OF bit to '0.' If the trigger event occurs during a power down condition, this bit will be set correctly. 3.14 Oscillator fail interrupt enable If the oscillator fail interrupt bit (OFIE) is set to a '1,' the IRQ/FT/OUT pin will also be activated. The IRQ/FT/OUT output is cleared by resetting the OFIE or OF bit to '0' (not be reading the flags register). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |