Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STOTG04ESQTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STOTG04ESQTR
Description  USB-OTG Full-speed Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOTG04ESQTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STOTG04ESQTR Datasheet HTML 15Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 16Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 17Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 18Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 19Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 20Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 21Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 22Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
STOTG04ES
Block description
19/26
Table 21.
Interrupt registers (*)
(*) Bit order is the same for all four interrupt related registers. Meaning of each register is described in Table 17.
6.9
I2C Bus interface
All of the STOTG04 transceiver registers are accessible through the I2C bus (see Figure 12). The device
contains a slave controller which provides communication with an external master. The I2C interface
consists of three pins:
• SDA (Serial Data);
• SCL (Serial Clock);
• ADR_PSW (is the LSB of the device address).
6.10
Device address
The USB-OTG transceiver has following 7-bit I2C device address:
The adr bit represents current state of the ADR_PSW device pin. It means that the address can be either
2Ch or 2Dh according to the ADR_PSW pin.
6.11
Bus protocol
Any device that sends data to the bus is defined as the transmitter. Any device that reads the data is the
receiver. The device that controls data transfers is the bus master, while the transmitter or receiver is the
slave device. The master initiates data transfers and provides the serial clock. The STOTG04 is always
the slave device.
Operation of the I2C bus is described by following figure 12.
Name
Bit
R
Description
vbus_vld
0
0
A-device VBUS valid comparator
sess_vld
1
0
Session valid comparator
dp_hi
2
0
D+ pin is asserted high during SRP
id_gnd
3
0
ID pin grounded
dm_hi
4
0
D- pin is asserted high
id_float
5
0
ID pin floating
bdis_acon
6
0
Set when bdis_acon_en bit is set and transceiver asserts dp_pull-up after
detecting B-device disconnect
cr_int
7
0
Car-kit interrupt
01
01
10
adr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com