Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STULPI01BTBR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STULPI01BTBR
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01BTBR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STULPI01BTBR Datasheet HTML 10Page - STMicroelectronics STULPI01BTBR Datasheet HTML 11Page - STMicroelectronics STULPI01BTBR Datasheet HTML 12Page - STMicroelectronics STULPI01BTBR Datasheet HTML 13Page - STMicroelectronics STULPI01BTBR Datasheet HTML 14Page - STMicroelectronics STULPI01BTBR Datasheet HTML 15Page - STMicroelectronics STULPI01BTBR Datasheet HTML 16Page - STMicroelectronics STULPI01BTBR Datasheet HTML 17Page - STMicroelectronics STULPI01BTBR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Electrical characteristics
STULPI01A - STULPI01B
14/44
Table 7.
Switching characteristics
(Over recommended operating conditions unless otherwise noted. All the typical values are
referred to TA = 25 °C, V1V8VIO = 1.8 V, VBAT = 3.6 V, CT = 4.7 µF)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Reset
tRESETEXT
Width of reset pulse on RESETn pin
10
µs
UART mode
tRISE
Switching time (max low to min high) CLOAD=185pF
215
ns
tFALL
Switching time (min high to max low) CLOAD=185pF
215
ns
tPD_RX
Delay time (50% DM to 50% D1)
CL=10pF
60
ns
tPD_TX
Delay time (50% D0 to 50% DP)
60
ns
tUARTON2V7 Turn-on time for TXD line (2V7)
UART_2V7 = 1 measured
from DIR assertion
22.5
ms
tUARTOFF2V7 Turn-off time for TXD line (2V7)
UART_2V7 = 1 measured
from STP assertion
1µs
tUARTON
Turn-on time for TXD line
UART_2V7 = 0 measured
from DIR assertion
60
ns
tUARTOFF
Turn-off time for TXD line
UART_2V7 = 0 measured
from DIR de-assertion
60
ns
Low-speed driver
tLR
Data signal rise time
CLOAD = 600pF
75
100
300
ns
tLF
Data signal fall time
CLOAD = 600pF
75
100
300
ns
RFMLS
Rise and fall time matching
-20
20
%
DRLS
Low-speed data rate
1.49925
1.50075 Mb/s
tDDJ1
Data jitter to next transition
Includes freq. tolerances
-25
25
ns
tDDJ2
Data jitter for paired transitions
Includes freq. tolerances
-14
14
ns
tLEOPT
SE0 interval of EOP
1250
1500
ns
Full-speed driver
tFR
Data signal rise time
CLOAD = 50pF
4
20
ns
tFF
Data signal fall time
CLOAD = 50pF
4
20
ns
RFMFS
Rise and fall time matching
-10
+10
%
DRHS
Full-speed data rate
11.994
12.006
Mb/s
tDJ1
Data jitter to next transition
Includes freq. tolerances
-3.5
3.5
ns
tDJ2
Data jitter for paired transitions
Includes freq. tolerances
-4
4
ns
tFEOPT
SE0 interval of EOP
160
175
ns
Clock generation constants
tPLL
PLL lock time
(1)
200
µs
tDLL
DLL lock time
(1)
280
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com