Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMDG20DLSDLCR Datasheet(PDF) 1 Page - SunLED Corporation

Part # LMDG20DLSDLCR
Description  OVAL SOLID STATE LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LMDG20DLSDLCR Datasheet(HTML) 1 Page - SunLED Corporation

  LMDG20DLSDLCR Datasheet HTML 1Page - SunLED Corporation LMDG20DLSDLCR Datasheet HTML 2Page - SunLED Corporation LMDG20DLSDLCR Datasheet HTML 3Page - SunLED Corporation LMDG20DLSDLCR Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OVAL SOLID STATE LAMP
Part Number:
LMDG20DLSDLCR
Published Date : MAR 17 ,2008
Drawing No : SDSA4803
V3
Checked : B.L.LIU
P.1/4
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LMDG20DLSDLCR
Red
InGaAlP
Red Semi Diffused
480
845
640
100°(H)
50°(V)
PRELIMINARY SPEC
Features
●OUTSTANDING MATERIAL EFFICIENCY.
●RELIABLE AND RUGGED.
●IC COMPATIBLE.
●RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
MDG
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
245°C For 3 Seconds
°C
Lead Solder Temperature
[5mm Below Package Base]
245°C For 5 Seconds
MDG
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.9
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
640
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
630
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
22
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
R.CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN, o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.kingbright.
com, c=<無>
日期︰2008.03.20 18:15:02 +08'00'


Similar Part No. - LMDG20DLSDLCR

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LMDG20W SUNLED-LMDG20W Datasheet
184Kb / 4P
OVAL SOLID STATE LAMP
More results

Similar Description - LMDG20DLSDLCR

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP5603SYDL-SD-J KINGBRIGHT-WP5603SYDL-SD-J Datasheet
104Kb / 4P
OVAL SOLID STATE LAMP
logo
SunLED Corporation
LBGA20W SUNLED-LBGA20W Datasheet
186Kb / 4P
OVAL SOLID STATE LAMP
LM2BB20DLSDLCR SUNLED-LM2BB20DLSDLCR Datasheet
181Kb / 4P
OVAL SOLID STATE LAMP
LM2BG20DLSDLCR SUNLED-LM2BG20DLSDLCR Datasheet
175Kb / 4P
OVAL SOLID STATE LAMP
LM2BG20W SUNLED-LM2BG20W Datasheet
181Kb / 4P
OVAL SOLID STATE LAMP
LM2CR20W SUNLED-LM2CR20W Datasheet
172Kb / 4P
OVAL SOLID STATE LAMP
LM2CY20DLSDLCR SUNLED-LM2CY20DLSDLCR Datasheet
171Kb / 4P
OVAL SOLID STATE LAMP
LM2CY20W SUNLED-LM2CY20W Datasheet
172Kb / 4P
OVAL SOLID STATE LAMP
LMDG20W SUNLED-LMDG20W Datasheet
184Kb / 4P
OVAL SOLID STATE LAMP
logo
Kingbright Corporation
WP5603ZGDL-SD-G KINGBRIGHT-WP5603ZGDL-SD-G Datasheet
317Kb / 5P
Oval Solid State Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com