Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL6NK55Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL6NK55Z
Description  N-CHANNEL 550V - 1.2ohm- 5.2A PowerFLAT™ Zener-Protected SuperMESH™ Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL6NK55Z Datasheet(HTML) 1 Page - STMicroelectronics

  STL6NK55Z Datasheet HTML 1Page - STMicroelectronics STL6NK55Z Datasheet HTML 2Page - STMicroelectronics STL6NK55Z Datasheet HTML 3Page - STMicroelectronics STL6NK55Z Datasheet HTML 4Page - STMicroelectronics STL6NK55Z Datasheet HTML 5Page - STMicroelectronics STL6NK55Z Datasheet HTML 6Page - STMicroelectronics STL6NK55Z Datasheet HTML 7Page - STMicroelectronics STL6NK55Z Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2002
STL6NK55Z
N-CHANNEL 550V - 1.2
Ω - 5.2A PowerFLAT™
Zener-Protected SuperMESH™Power MOSFET
s
TYPICAL RDS(on) = 1.2 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
IMPROVED ESD CAPABILITY
s
100% AVALANCHE RATED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s
LIGHTING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID (1)
Pw (1)
STL6NK55Z
550 V
< 1.4
Ω
5.2 A
75 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STL6NK55Z
L6NK55Z
PowerFLAT™ (5x5)
TAPE & REEL
PowerFLAT™(5x5)
(Chip Scale Package)
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STL6NK55Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL6N2VH5 STMICROELECTRONICS-STL6N2VH5 Datasheet
501Kb / 12P
N-channel 20 V, 0.025 typ., 6 A STripFET V Power MOSFET in PowerFLAT 2x2 package
10-Jan-2013
STL6N3LLH6 STMICROELECTRONICS-STL6N3LLH6 Datasheet
1Mb / 14P
N-channel 30 V, 0.021 typ., 6 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT
11-Oct-2012
STL6N3LLH6 STMICROELECTRONICS-STL6N3LLH6 Datasheet
1Mb / 6P
Flight controller unit evaluation board for toy drones
Rev 2 - January 2019
STL6NM60N STMICROELECTRONICS-STL6NM60N Datasheet
280Kb / 12P
N-channel 600 V - 0.85 Ω - 5.75 A - PowerFLAT??(5x5) ultra low gate charge MDmesh™II Power MOSFET
27-Nov-2007
More results

Similar Description - STL6NK55Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL5NK65Z STMICROELECTRONICS-STL5NK65Z Datasheet
119Kb / 6P
N-CHANNEL 650V - 1.5ohm - 4.2A PowerFLAT™ Zener-Protected SuperMESH™ Power MOSFET
Apr-2002
STL9NK30Z STMICROELECTRONICS-STL9NK30Z Datasheet
225Kb / 8P
N-CHANNEL 300V - 0.36ohm - 9A PowerFLAT™ Zener-Protected SuperMESH™ Power MOSFET
Aug-2002
STP5NK60Z STMICROELECTRONICS-STP5NK60Z Datasheet
477Kb / 14P
N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH Power MOSFET
15-Dec-2005
STB12NK80Z-S STMICROELECTRONICS-STB12NK80Z-S Datasheet
212Kb / 9P
N-CHANNEL 800V - 0.65ohm - 10.5A I2SPAK Zener-Protected SuperMESH Power MOSFET
Feb-2004
STD2NK60Z STMICROELECTRONICS-STD2NK60Z Datasheet
762Kb / 16P
Zener-Protected SuperMESH MOSFET
05-Sep-2005
STY60NK30Z STMICROELECTRONICS-STY60NK30Z Datasheet
187Kb / 8P
N-CHANNEL 300V - 0.033ohm - 60A Max247 Zener-Protected SuperMESH Power MOSFET
Feb-2004
STP7NK80Z STMICROELECTRONICS-STP7NK80Z_06 Datasheet
432Kb / 18P
N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
09-Oct-2006
STP6NK90Z STMICROELECTRONICS-STP6NK90Z Datasheet
483Kb / 12P
N-channel 900V - 1.56 - 5.8A Zener-protected SuperMESH Power MOSFET
Mar-2003
STL8N80K5 STMICROELECTRONICS-STL8N80K5 Datasheet
1Mb / 17P
N-channel 800 V, 0.80 typ., 4.5 A Zener-protected SuperMESH 5 Power MOSFET in a PowerFLAT
19-Nov-2013
STF10NK60Z STMICROELECTRONICS-STF10NK60Z Datasheet
275Kb / 13P
N-channel 600 V, 0.65 Ω, 10 A, SuperMESH™ Power MOSFET Zener-protected TO-220FP narrow leads
04-Nov-2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com