Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSH345 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH345
Description  Triple video buffer with selectable filter for HD and SD video applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH345 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH345 Datasheet HTML 1Page - STMicroelectronics TSH345 Datasheet HTML 2Page - STMicroelectronics TSH345 Datasheet HTML 3Page - STMicroelectronics TSH345 Datasheet HTML 4Page - STMicroelectronics TSH345 Datasheet HTML 5Page - STMicroelectronics TSH345 Datasheet HTML 6Page - STMicroelectronics TSH345 Datasheet HTML 7Page - STMicroelectronics TSH345 Datasheet HTML 8Page - STMicroelectronics TSH345 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
May 2007
Rev 1
1/14
14
TSH345
Triple video buffer with selectable filter
for HD and SD video applications
Features
■ Selectable 6th order filtering of 36 MHz,
18 MHz and 9 MHz
■ 5 V single-supply operation
■ Internal input DC level shifter
■ No input capacitor required
■ 3 matched 6 dB amplifiers
■ AC or DC output-coupled
■ Very low harmonic distortion
■ Specified for 150
Ω loads
■ Data min. and max. are tested during
production
Applications
■ High-end video systems
■ High definition TV (HDTV)
■ Broadcast and graphic video
■ Multimedia products
Description
The TSH345 is a triple single-supply video buffer
featuring an internal gain of 6 dB and selectable
filtering for HD and SD video outputs on 75
Ω
video lines. The TSH345 is ideal to drive either
Y-C, CVBS, Y-U-V, Y-Pb-Pr or R-G-B signals from
video DAC outputs.
The main advantage of this circuit is its input DC
level shifter. It allows you to drive video signals on
75
Ω video lines without damage to the
synchronization tip, and without either input or
output capacitor while using a single 5 V power
supply. The DC level shifter is internally fixed and
optimized to keep the output video signals
between low and high output rails in the best
position for the greatest linearity.
The TSH345 is available in the SO14 plastic
package for optimum space-saving.
12
G out
1
R2 in
R out
+VCC
2
3
13
14
B out
R1 in
7
G1 in
GND
8
DC Shifter
6dB
6dB
+
36MHz
18MHz
9MHz
LPF
6dB
36MHz
18MHz
9MHz
LPF
36MHz
18MHz
9MHz
LPF
+
+
4
B1 in 5
6
G2 in
B2 in
11
10
9
Fs1
Mux
Fs0
SO14
TSSOP14
www.st.com


Similar Part No. - TSH345

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH340 STMICROELECTRONICS-TSH340 Datasheet
166Kb / 2P
High-speed operational amplifier evaluation board kit
May-2005
TSH340 STMICROELECTRONICS-TSH340 Datasheet
326Kb / 13P
320MHz Single Supply Video Buffer with Low In/Out Rail
Apr-2005
TSH340ID STMICROELECTRONICS-TSH340ID Datasheet
326Kb / 13P
320MHz Single Supply Video Buffer with Low In/Out Rail
Apr-2005
TSH340IDT STMICROELECTRONICS-TSH340IDT Datasheet
326Kb / 13P
320MHz Single Supply Video Buffer with Low In/Out Rail
Apr-2005
TSH340ILT STMICROELECTRONICS-TSH340ILT Datasheet
326Kb / 13P
320MHz Single Supply Video Buffer with Low In/Out Rail
Apr-2005
More results

Similar Description - TSH345

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
FMS6407 FAIRCHILD-FMS6407 Datasheet
59Kb / 1P
Triple Video Drivers with Selectable HD/Progressive/SD/Bypass Filters
logo
Analog Devices
ADA4412-3 AD-ADA4412-3 Datasheet
384Kb / 16P
Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD
7/05-Revision 0
ADA4411-3 AD-ADA4411-3 Datasheet
397Kb / 16P
Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB, HD/SD
7/05-Revision 0
logo
STMicroelectronics
TSH173 STMICROELECTRONICS-TSH173 Datasheet
191Kb / 13P
Triple video buffer with filter for SD video
21-Mar-2007
TSH346 STMICROELECTRONICS-TSH346 Datasheet
380Kb / 18P
Triple video buffer/filter for HD video applications
16-Dec-2008
logo
ON Semiconductor
NCS2566 ONSEMI-NCS2566 Datasheet
220Kb / 13P
Six-Channel Video Driver with Triple SD & Triple Selectable SD/HD Filters
September, 2009 ??Rev. 2
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Analog Devices
ADA4411-3 AD-ADA4411-3_15 Datasheet
398Kb / 16P
Integrated Triple Video Filter and Buffer with Selectable
REV. 0
logo
STMicroelectronics
AN2705 STMICROELECTRONICS-AN2705 Datasheet
214Kb / 8P
TSH173 triple video buffer with filter for SD video
31-Jan-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com