Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC28F640P30B85 Datasheet(PDF) 61 Page - Numonyx B.V

Part # PC28F640P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC28F640P30B85 Datasheet(HTML) 61 Page - Numonyx B.V

Back Button PC28F640P30B85 Datasheet HTML 57Page - Numonyx B.V PC28F640P30B85 Datasheet HTML 58Page - Numonyx B.V PC28F640P30B85 Datasheet HTML 59Page - Numonyx B.V PC28F640P30B85 Datasheet HTML 60Page - Numonyx B.V PC28F640P30B85 Datasheet HTML 61Page - Numonyx B.V PC28F640P30B85 Datasheet HTML 62Page - Numonyx B.V PC28F640P30B85 Datasheet HTML 63Page - Numonyx B.V PC28F640P30B85 Datasheet HTML 64Page - Numonyx B.V PC28F640P30B85 Datasheet HTML 65Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
61
P30
11.6
Program Protection
When VPP = VIL, absolute hardware write protection is provided for all device blocks. If
VPP is at or below VPPLK, programming operations halt and SR[3] is set indicating a VPP-
level error. Block lock registers are not affected by the voltage level on VPP; they may
still be programmed and read, even if VPP is less than VPPLK.
Figure 29: Example VPP Supply Connections
• Factory Programming with V
PP = VPPH
• Complete write/Erase Protection when V
PP ≤ VPPLK
VCC
VPP
VCC
VPP
• Low Voltage and Factory Programming
• Low-voltage Programming only
• Logic Control of Device Protection
VCC
VPP
• Low Voltage Programming Only
• Full Device Protection Unavailable
VCC
VPP
≤ 10K Ω
V
PP
V
CC
V
CC
PROT #
V
CC
V
PP=VPPH
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com