Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F256P30B95 Datasheet(PDF) 96 Page - Numonyx B.V

Part # JS28F256P30B95
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F256P30B95 Datasheet(HTML) 96 Page - Numonyx B.V

Back Button JS28F256P30B95 Datasheet HTML 91Page - Numonyx B.V JS28F256P30B95 Datasheet HTML 92Page - Numonyx B.V JS28F256P30B95 Datasheet HTML 93Page - Numonyx B.V JS28F256P30B95 Datasheet HTML 94Page - Numonyx B.V JS28F256P30B95 Datasheet HTML 95Page - Numonyx B.V JS28F256P30B95 Datasheet HTML 96Page - Numonyx B.V JS28F256P30B95 Datasheet HTML 97Page - Numonyx B.V JS28F256P30B95 Datasheet HTML 98Page - Numonyx B.V JS28F256P30B95 Datasheet HTML 99Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 96 / 99 page
background image
P30
Datasheet
November 2007
96
Order Number: 306666-11
Table 48: CFI Link Information
Offset
(1)
Length
Description
Hex
P = 10Ah
(Optional flash features and commands)
Add.
Code
Value
(P+48)h
4
CFI Link Field bit definitions
152:
(P+49)h
Bits 0–9 = Address offset (within 32Mbit segment) of referenced CFI table
153:
(P+4A)h
Bits 10–27 = nth 32Mbit segment of referenced CFI table
154:
(P+4B)h
Bits 28–30 = Memory Type
155:
Bit 31 = Another CFI Link field immediately follows
(P+4C)h
1
CFI Link Field Quantity Subfield definitions
156:
Bits 0–3 = Quantity field (n such that n+1 equals quantity)
Bit 4 = Table & Die relative location
Bit 5 = Link Field & Table relative location
Bits 6–7 = Reserved
See table below
See table below
Discrete
–B
–T
–-
–-
die 1 (B)
die 2 (T)
die 1 (T)
die 2 (B)
152:
--FF
--FF
--10
--FF
--10
--FF
153:
--FF
--FF
--20
--FF
--20
--FF
154:
--FF
--FF
--00
--FF
--00
--FF
155:
--FF
--FF
--00
--FF
--00
--FF
156:
--FF
--FF
--10
--FF
--10
--FF
Address
512-Mbit
–B
–T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com