Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLC5412 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STLC5412
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STLC5412 Datasheet HTML 23Page - STMicroelectronics STLC5412 Datasheet HTML 24Page - STMicroelectronics STLC5412 Datasheet HTML 25Page - STMicroelectronics STLC5412 Datasheet HTML 26Page - STMicroelectronics STLC5412 Datasheet HTML 27Page - STMicroelectronics STLC5412 Datasheet HTML 28Page - STMicroelectronics STLC5412 Datasheet HTML 29Page - STMicroelectronics STLC5412 Datasheet HTML 30Page - STMicroelectronics STLC5412 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
registers description for details. New data written to
any of the overhead bit Transmit Registers is resyn-
chronized internally to the next available complete
superframe or half superframe, as appropriate.
Embedded Operation Channel (EOC)
The eoc channel consists of two complete 12 bits
messages per superframe, distributed through the
M1, M2 and M3 bits of each frame. Each mes-
sage is composed of 3 fields; a 3 bit address
identifying the message destination/origin, a 1 bit
indicator for the data mode i.e. encoded message
or raw data, and an 8 bits information field. The
Control Interface (Microwire or Monitor channel in
GCI) provides access to the complete 12 bits of
every message in TX and RX EOC registers.
When non-auto mode is selected, UID does not in-
terpret the received eoc messages e.g. ”send cor-
rupted CRC”; therefore the appropriate command
instruction must be written to the device e.g. ”set to
one bit CTC in register CR4”. It is possible to select
a transparent transmission mode in which the eoc
channel can be considered as a transparent 2 kbit/s
channel. See OPR register description for details.
When auto-mode is selected in GCI configuration,
UID performs automatic recognition / acknow-
ledgement of the eoc messages sent by the net-
work according to processing defined in ANSI
standard and illustrated in figure 9. When UID rec-
ognizes a message with the appropriate address
and a known command, it performs automatically
the relevant action inside the device and send a
message at the digital interface as appropriate. Ta-
ble 5 gives the list of recognized eoc messages and
associated actions.
When NT-RR-AUTO configuration is selected,
eoc addressing is processed according to appen-
dix E of T1E1.601 standard:
– If address of the eoc message received from
LT is in the range of 2 to 6, UID decrements
address and pass the message onto GCI.
– If address of the eoc message received from
GCI is in the range of 1 to 5, UID increments
address and pass the message onto the line
toward LT.
– If data/msg indicator is set to 0, UID pass
data on transparently with eoc address as de-
scribed above.
M4 channel
M4 bit positions of every frame is a channel in
which are transmitted data bits loaded from the
TXM4 transmit register and from the on-chip acti-
vation sequencer each superframe. On the re-
ceive side, M4 bits from one complete superframe
are first validated and then stored in the RXM4
Receive Register or transmitted to on-chip activa-
tion sequencer. See OPR, TXM4 and RXM4 reg-
isters description for details.
When NT1-AUTO or NT-RR-AUTO mode is se-
lected, bits ps1 and ps2 in M4 channel are con-
trolled directly by biasing input pins ES1 and ES2
respectively. e.g. ps1 is sent continuously to the
line equal 0 when ES1 input is forced at 0 Volt.
Spare M5 and M6 bits
The spare bit positions in the M5 and M6 field
form a channel in which are transmitted data bits
loaded from the TXM56 transmit register. On the
receive side, the spare bits in the M5 and M6
field are first validated and then stored in the
RXM56 receive register. See OPR, TXM56 and
RXM56 registers description for details.
CRC calculation/checking
In transmit direction, an on-chip CRC calculation
circuit automatically generates a checksum of the
2B+D+M4 bits using the specified 12th order
polynomial. Once per superframe, the CRC is
transmitted in the M5 and M6 bit positions. In re-
ceive direction, a checksum is again calculated
on the same bits as they are received and, at the
end of the superframe compared with the re-
ceived CRC. The result of this comparison gener-
ates a ”Far End Block Error” bit (febe) which is
transmitted back towards the other end of the
Line in the next but one superframe and an indi-
cation of Near End Block Error is sent to the sys-
tem by means of Register RXM56. If there is no er-
ror in superframe, febe is set = 1, and if there is one
or more errors, febe is set = 0.
UID also includes two 8 bits Block Error Counters
associated with the febe bits transmitted and re-
ceived. It is then possible to select one Error
Counter per direction or to select only one counter
for both by means of bit C2E in OPR register. Block
error counting is always enabled but it is possible to
disabled the threshold interrupt and/or to en-
able/disable the interrupt issued at each received or
transmitted block error detection. See OPR register
for details.
Loopbacks
Six transparent or non transparent channel loop-
backs are provided by UID. It is therefore possible to
operate any loopback on B1, B2 and D channels line
to line or DSI/GCI to DSI/GCI. Command are
groupedin CR3 register.
In addition to the channel loopbacks in LT modes,
a complete transparent loopback operated at the
transmission side of UID allows the device to acti-
vate through an appropriate sequence with the
complete data stream looped-back to the re-
ceiver. Therefore, most of analog/digital clock and
data recovery circuits are tested. After activation
completed, an AI status indication is reported.
Complete loopback is enabled with ARL command
in TXACT register.
STLC5412
27/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com