Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LCX157MTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX157MTR
Description  Low voltage CMOS Quad 2 channel multiplexer with 5V tolerant inputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX157MTR Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX157MTR Datasheet HTML 1Page - STMicroelectronics 74LCX157MTR Datasheet HTML 2Page - STMicroelectronics 74LCX157MTR Datasheet HTML 3Page - STMicroelectronics 74LCX157MTR Datasheet HTML 4Page - STMicroelectronics 74LCX157MTR Datasheet HTML 5Page - STMicroelectronics 74LCX157MTR Datasheet HTML 6Page - STMicroelectronics 74LCX157MTR Datasheet HTML 7Page - STMicroelectronics 74LCX157MTR Datasheet HTML 8Page - STMicroelectronics 74LCX157MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
February 2007
Rev 6
1/17
17
74LCX157
Low voltage CMOS Quad 2 channel multiplexer
with 5V tolerant inputs
Features
■ 5V tolerant inputs
■ High speed:
–tPD = 6.0ns (Max) at VCC = 3V
■ Power down protection on inputs and outputs
■ Symmetrical output impedance:
–|IOH| = IOL = 24mA (Min) at VCC = 3V
■ PCI bus levels guaranteed at 24mA
■ Balanced propagation delays:
–tPLH ≅ tPHL
■ Operating voltage range:
–VCC (Opr) = 2.0V to 3.6V
■ Pin and function compatible with
74 series 157
■ Latch-up performance exceeds
500mA (JESD 17)
■ ESD performance:
– HBM > 2000V
(MIL STD 883 method 3015); MM > 200V
Description
The 74LCX157 is a low voltage CMOS Quad 2
channel multiplexer fabricated with sub-micron
silicon gate and double-layer metal wiring C2MOS
technology. It is ideal for low power and high
speed 3.3V applications; it can be interfaced to
5V signal environment for inputs.
It consists of four 2-input digital multiplexer with
common select and strobe inputs. It is a non-
inverting multiplexer. When the STROBE input is
held high selection of data is inhibited and all the
outputs become low. The SELECT decoding
determines whether the A or B inputs get routed
to their corresponding Y outputs.
It has same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All inputs and outputs are equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
SO-16
TSSOP16
www.st.com
Order codes
Part number
Package
Packaging
74LCX157MTR
SO-16
Tape and reel
74LCX157TTR
TSSOP16
Tape and reel


Similar Part No. - 74LCX157MTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX157MTC FAIRCHILD-74LCX157MTC Datasheet
99Kb / 9P
Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX157MTC ONSEMI-74LCX157MTC Datasheet
342Kb / 12P
Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
logo
Fairchild Semiconductor
74LCX157MTCX FAIRCHILD-74LCX157MTCX Datasheet
99Kb / 9P
Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX157MTCX ONSEMI-74LCX157MTCX Datasheet
342Kb / 12P
Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
More results

Similar Description - 74LCX157MTR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX157F TOSHIBA-TC74LCX157F Datasheet
302Kb / 9P
LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
12-Sep-1997
TC74LCX257F TOSHIBA-TC74LCX257F Datasheet
298Kb / 9P
LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ157FK TOSHIBA-TC7MZ157FK Datasheet
226Kb / 7P
LOW-VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
14-Oct-1999
logo
Fairchild Semiconductor
74LCX157 FAIRCHILD-74LCX157 Datasheet
99Kb / 9P
Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs
74LCX257 FAIRCHILD-74LCX257 Datasheet
100Kb / 9P
Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX257 STMICROELECTRONICS-74LCX257 Datasheet
288Kb / 13P
LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS (3-STATE)
15-Sep-2004
74LVX257 STMICROELECTRONICS-74LVX257 Datasheet
258Kb / 10P
LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS
Jul-2001
74LVX157 STMICROELECTRONICS-74LVX157 Datasheet
197Kb / 9P
LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
Jul-2001
74LVX157 STMICROELECTRONICS-74LVX157_04 Datasheet
269Kb / 12P
LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX257 STMICROELECTRONICS-74LVX257_04 Datasheet
332Kb / 13P
LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS
27-Aug-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com