Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74ALVCH32245LBR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ALVCH32245LBR
Description  LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ALVCH32245LBR Datasheet(HTML) 1 Page - STMicroelectronics

  74ALVCH32245LBR Datasheet HTML 1Page - STMicroelectronics 74ALVCH32245LBR Datasheet HTML 2Page - STMicroelectronics 74ALVCH32245LBR Datasheet HTML 3Page - STMicroelectronics 74ALVCH32245LBR Datasheet HTML 4Page - STMicroelectronics 74ALVCH32245LBR Datasheet HTML 5Page - STMicroelectronics 74ALVCH32245LBR Datasheet HTML 6Page - STMicroelectronics 74ALVCH32245LBR Datasheet HTML 7Page - STMicroelectronics 74ALVCH32245LBR Datasheet HTML 8Page - STMicroelectronics 74ALVCH32245LBR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
February 2002
s
3.6V TOLERANT INPUTS AND OUTPUTS
s
HIGH SPEED:
tPD = 3.0ns (MAX.) at VCC = 3.0 to 3.6V
tPD = 3.7ns (MAX.) at VCC = 2.3 to 2.7V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN) at VCC = 3V
|IOH| = IOL = 8mA (MIN) at VCC = 2.3V
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 1.65V to 3.6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 32245
s
BUS HOLD PROVIDED ON BOTH SIDE
s
LATCH-UP PERFORMANCE EXCEEDS
300mA
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74ALVCH32245 is a low voltage CMOS
32-BIT
BUS
TRANSCEIVER
(3-STATE)
fabricated
with
sub-micron silicon gate and
five-layer metal wiring C2MOS technology. It is
ideal for 1.65 to 3.6 V applications; it can be
interfaced to 3.6V signal enviroment for both
inputs and outputs.
This IC is intended for two-ways asynchronous
communication between data buses: the direction
of data trasmission is determined by DIR input.
Any
nG
contol
output
governs
eight
BUS
TRANSCEIVERS. Output Enable input (nG) tied
together gives full 32-bit operation. When nG is
LOW, the output are enabled. When nG is HIGH,
the output are in high impedance state so that the
buses are effectively isolated. Bus hold on data
inputs is provided in order to eliminate the need for
external pull-up or pull-down resistor.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74ALVCH32245
LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER
(3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS
LOGIC DIAGRAM
ORDER CODES
PACKAGE
TRAY
T & R
LFBGA96
74ALVCH32245LB
74ALVCH32245LBR
LFBGA96
(Top and Bottom view)


Similar Part No. - 74ALVCH32245LBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALVCH32245 TI-74ALVCH32245 Datasheet
123Kb / 8P
32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
74ALVCH32245BF IDT-74ALVCH32245BF Datasheet
103Kb / 7P
3.3V CMOS 32-BIT BUS TRANSCEIVER
logo
Renesas Technology Corp
74ALVCH32245BF RENESAS-74ALVCH32245BF Datasheet
287Kb / 8P
3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
logo
Integrated Device Techn...
74ALVCH32245BF8 IDT-74ALVCH32245BF8 Datasheet
103Kb / 7P
3.3V CMOS 32-BIT BUS TRANSCEIVER
logo
Renesas Technology Corp
74ALVCH32245BF8 RENESAS-74ALVCH32245BF8 Datasheet
287Kb / 8P
3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
More results

Similar Description - 74ALVCH32245LBR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74VCX162245 STMICROELECTRONICS-74VCX162245 Datasheet
279Kb / 13P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCXH32245 STMICROELECTRONICS-74VCXH32245 Datasheet
210Kb / 10P
LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS
Dec-2001
74VCXH162245 STMICROELECTRONICS-74VCXH162245 Datasheet
272Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCXR162245 STMICROELECTRONICS-74VCXR162245 Datasheet
272Kb / 13P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245 Datasheet
236Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
09-Jul-2004
74ALVCR162245 STMICROELECTRONICS-74ALVCR162245 Datasheet
512Kb / 11P
LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
25-Feb-2005
74ALVCH16245 STMICROELECTRONICS-74ALVCH16245 Datasheet
255Kb / 10P
LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCX16245 STMICROELECTRONICS-74VCX16245 Datasheet
212Kb / 14P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Nov-2003
74VCXH16245 STMICROELECTRONICS-74VCXH16245 Datasheet
292Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com