Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LCXU04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCXU04
Description  Low voltage CMOS HEX inverter (single stage) with 5V tolerant inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCXU04 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCXU04_06 Datasheet HTML 1Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 2Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 3Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 4Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 5Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 6Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 7Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 8Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
August 2006
Rev 5
1/15
15
74LCXU04
Low voltage CMOS HEX inverter (single stage)
with 5V tolerant inputs
Features
■ 5V tolerant inputs
■ High speed:
–tPD = 5.2ns (Max) at VCC = 3V
■ Power down protection on inputs and outputs
■ Symmetrical output impedance:
–|IOH| = IOL = 24mA (Min) at VCC = 3V
■ PCI bus levels guaranteed at 24mA
■ Balanced propagation delays:
–tPLH ≅ tPHL
■ Operating voltage range:
–VCC (Opr) = 2.0V to 3.6V
■ Pin and function compatible with
74 series U04
■ Latch-up performance exceeds
500mA (JESD 17)
■ ESD performance:
– HBM > 2000V
(MIL STD 883 method 3015); MM > 200V
Description
The 74LCXU04 is a low voltage CMOS HEX
inverter (single state) fabricated with sub-micron
silicon gate and double-layer metal wiring C2MOS
technology. It is ideal for low power and high
speed 3.3V applications. It can be interfaced to
5V signal environment for inputs.
It has same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All inputs and outputs are equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
SO-14
TSSOP14
www.st.com
Order codes
Part number
Package
Packaging
74LCXU04MTR
SO-14
Tape and reel
74LCXU04TTR
TSSOP14
Tape and reel


Similar Part No. - 74LCXU04_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCXU04MTR STMICROELECTRONICS-74LCXU04MTR Datasheet
204Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER(SINGLE STAGE) WITH 5V TOLERANT INPUTS
15-Sep-2004
74LCXU04TTR STMICROELECTRONICS-74LCXU04TTR Datasheet
204Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER(SINGLE STAGE) WITH 5V TOLERANT INPUTS
15-Sep-2004
More results

Similar Description - 74LCXU04_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04 Datasheet
519Kb / 11P
Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
STMicroelectronics
74LCXU04 STMICROELECTRONICS-74LCXU04 Datasheet
204Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER(SINGLE STAGE) WITH 5V TOLERANT INPUTS
15-Sep-2004
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
Jul-2001
74LCX04MTR STMICROELECTRONICS-74LCX04MTR Datasheet
164Kb / 8P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
Sep-2001
74LCX14 STMICROELECTRONICS-74LCX14 Datasheet
113Kb / 8P
LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
Sep-2001
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVXU04 STMICROELECTRONICS-74LVXU04 Datasheet
203Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) WITH 5V TOLERANT INPUTS
27-Aug-2004
74LCX04 STMICROELECTRONICS-74LCX04 Datasheet
239Kb / 15P
Low voltage CMOS HEX inverter with 5V tolerant inputs
06-Jul-2006
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
10-Jul-2006
74LVX04 STMICROELECTRONICS-74LVX04_04 Datasheet
225Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
27-Aug-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com