Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HC688 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC688
Description  8 BIT EQUALITY COMPARATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC688 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC688 Datasheet HTML 1Page - STMicroelectronics M74HC688 Datasheet HTML 2Page - STMicroelectronics M74HC688 Datasheet HTML 3Page - STMicroelectronics M74HC688 Datasheet HTML 4Page - STMicroelectronics M74HC688 Datasheet HTML 5Page - STMicroelectronics M74HC688 Datasheet HTML 6Page - STMicroelectronics M74HC688 Datasheet HTML 7Page - STMicroelectronics M74HC688 Datasheet HTML 8Page - STMicroelectronics M74HC688 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M74HC688
2/9
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X: Don’t Care
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
1G
Enable Input (Active
LOW)
2, 4, 6, 8, 11,
13, 15, 17
P0 to P7
Word Inputs
3, 5, 7, 9, 12,
14, 16, 18
Q0 to Q7
Word Outputs
19
P = Q
Equal to Output
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
INPUTS
OUTPUT
P, Q
G
P = Q
P = Q
L
L
P <> Q
L
H
XH
H



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com