Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM1645-30 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM1645-30
Description  RF POWER MODULE SATELLITE COMMUNICATION APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1645-30 Datasheet(HTML) 2 Page - STMicroelectronics

  STM1645-30 Datasheet HTML 1Page - STMicroelectronics STM1645-30 Datasheet HTML 2Page - STMicroelectronics STM1645-30 Datasheet HTML 3Page - STMicroelectronics STM1645-30 Datasheet HTML 4Page - STMicroelectronics STM1645-30 Datasheet HTML 5Page - STMicroelectronics STM1645-30 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL SPECIFICATION (Tcase =25
oC, VC1* =12 V; VC2,VC3 =28 V)
Symbo l
Parameter
T est Con ditio ns
Min.
T yp.
Max
Unit
BW
Frequency Range
1625
1665
MHz
POUT
Power O utput
PIN
≤ 10 W
30
35
40
W
G P
Power G ain
POUT = 30 W
34. 8
35.5
dB
η
Eff iciency
POUT =30 W
35
%
ZIN
Input Impedance
POUT =30 W
Z G,ZL =50
Ω
1.5: 1
2: 1
VSW R
HHarmonics
POUT = 30 W reference
-45
-40
dB
∆POUT vs TCASE
TC =-35
oCto+70 oC@ PIN =10mW
2
dB
∆POUT vs Frequency f = 1625 - 1665 MHz
1
dB
Load Mismatch
VSW R = 10:1
V = 28 Vdc
POUT =30 W
No Degradat ion in O utput
Power
POUT Control Range
POUT =30 W
8
10
dB
Stabilit y
POUT = 5 to 30 W**
Load VSWR = 3: 1 any phase
All Spurious Outputs More
Than 60 dB Below Carrier
Note :
*VC1 = 12 V regulated
±1%
** POUT adjusted by varying VC3
REF. 1015506I
STM1645-30
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com