Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST2329 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2329
Description  2-bit dual supply level translator without direction control pin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329 Datasheet(HTML) 1 Page - STMicroelectronics

  ST2329_08 Datasheet HTML 1Page - STMicroelectronics ST2329_08 Datasheet HTML 2Page - STMicroelectronics ST2329_08 Datasheet HTML 3Page - STMicroelectronics ST2329_08 Datasheet HTML 4Page - STMicroelectronics ST2329_08 Datasheet HTML 5Page - STMicroelectronics ST2329_08 Datasheet HTML 6Page - STMicroelectronics ST2329_08 Datasheet HTML 7Page - STMicroelectronics ST2329_08 Datasheet HTML 8Page - STMicroelectronics ST2329_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
May 2008
Rev 4
1/21
21
ST2329
2-bit dual supply level translator
without direction control pin
Features
90 Mbps (max) data rate when driven by a
totem pole driver
8 Mbps (max) data rate when driven by an
open drain pole driver
Bidirectional level translation without
direction control pin
Wide VL voltage range of 1.65 to 3.6 V
Wide VCC voltage range of 1.80 to 5.5 V
Power down mode feature – when either
supply is off, all I/Os are in high impedance
Low quiescent current (max 12 µA)
Able to be driven by totem pole and open drain
drivers
5.5 V tolerant enable pin
ESD performance on all pins: ±2 kV HBM
Small package and footprint
QFN10L (1.8 x 1.4 mm) package
Applications
Low voltage system level translation
Mobile phones and other mobile devices
I2C level translation
UART level translation
Description
The ST2329 is a 2-bit dual supply level translator
which provides the level shifting capability to allow
data transfer in a multi-voltage system. Externally
applied voltages, VCC and VL, set the logic levels
on either side of the device. It utilizes
transmission gate-based design that allows
bidirectional level translation without a control pin.
The ST2329 accepts a VL from 1.65 to 3.6 V and
VCC from 1.80 to 5.5 V, making it ideal for data
transfer between low-voltage ASICs/PLD and
higher voltage systems. This device has a tri-state
output mode which can be used to disable all
I/Os.
The ST2329 supports power down mode when
VCC is grounded/floating and the device is
disabled via the OE pin.
QFN10L (1.8 x 1.4 mm)
Table 1.
Device summary
Order code
Package
Packaging
ST2329QTR
QFN10L (1.8 x 1.4 mm)
Tape and reel (3000 parts per reel)
www.st.com


Similar Part No. - ST2329_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2329A STMICROELECTRONICS-ST2329A Datasheet
450Kb / 23P
2-bit dual supply level translator without direction control pin
16-Jul-2008
ST2329AQTR STMICROELECTRONICS-ST2329AQTR Datasheet
450Kb / 23P
2-bit dual supply level translator without direction control pin
16-Jul-2008
ST2329B STMICROELECTRONICS-ST2329B Datasheet
702Kb / 23P
2-bit dual supply level translator without direction control pin, open drain output
18-Feb-2013
ST2329I STMICROELECTRONICS-ST2329I Datasheet
305Kb / 22P
2-bit dual-supply level translator with auto-direction feature and integrated pull-up
02-Mar-2011
ST2329QTR STMICROELECTRONICS-ST2329QTR Datasheet
147Kb / 8P
2-bit dual supply level translator without control pin
05-May-2007
More results

Similar Description - ST2329_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2329 STMICROELECTRONICS-ST2329 Datasheet
147Kb / 8P
2-bit dual supply level translator without control pin
05-May-2007
ST2349 STMICROELECTRONICS-ST2349 Datasheet
416Kb / 23P
4-bit dual supply level translator without direction control pin
26-Nov-2007
ST2329A STMICROELECTRONICS-ST2329A Datasheet
450Kb / 23P
2-bit dual supply level translator without direction control pin
16-Jul-2008
ST2349A STMICROELECTRONICS-ST2349A Datasheet
413Kb / 23P
4-bit dual supply level translator without direction control pin
16-Jul-2008
ST2129QTR STMICROELECTRONICS-ST2129QTR Datasheet
505Kb / 20P
2-bit dual supply level translator without direction control pin
07-Sep-2009
ST2149 STMICROELECTRONICS-ST2149 Datasheet
436Kb / 23P
4-bit dual supply level translator without direction control pin
14-Jun-2012
ST2149B STMICROELECTRONICS-ST2149B Datasheet
274Kb / 23P
4-bit dual supply level translator without direction control pin
19-Jun-2012
ST2129 STMICROELECTRONICS-ST2129 Datasheet
505Kb / 20P
2-bit dual supply level translator without direction control pin
September 2009 Rev 1
ST2129B STMICROELECTRONICS-ST2129B Datasheet
1Mb / 21P
2-bit dual supply level translator without direction control pin, push-pull output
February 2013 Rev 2
ST2189 STMICROELECTRONICS-ST2189 Datasheet
461Kb / 21P
8-bit dual supply level translator without direction control pin
August 2009 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com