Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LX1G07STR Datasheet(PDF) 10 Page - STMicroelectronics

Part # 74LX1G07STR
Description  Single buffer/driver with open drain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G07STR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 74LX1G07STR Datasheet HTML 6Page - STMicroelectronics 74LX1G07STR Datasheet HTML 7Page - STMicroelectronics 74LX1G07STR Datasheet HTML 8Page - STMicroelectronics 74LX1G07STR Datasheet HTML 9Page - STMicroelectronics 74LX1G07STR Datasheet HTML 10Page - STMicroelectronics 74LX1G07STR Datasheet HTML 11Page - STMicroelectronics 74LX1G07STR Datasheet HTML 12Page - STMicroelectronics 74LX1G07STR Datasheet HTML 13Page - STMicroelectronics 74LX1G07STR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Package mechanical data
74LX1G07
10/20
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 5.
SOT23-5L package outline
Table 10.
SOT23-5L mechanical data
Symbol
millimeters
mils
Typ
Min
Max
Typ
Min
Max
A
0.90
1.45
35.4
57.1
A1
0.00
0.10
0.0
3.9
A2
0.90
1.30
35.4
51.2
b
0.35
0.50
13.7
19.7
C
0.09
0.20
3.5
7.8
D
2.80
3.00
110.2
118.1
E
1.50
1.75
59.0
68.8
e
0.95
37.4
H
2.60
3.00
102.3
118.1
L
0.10
0.60
3.9
23.6
7049676C
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com