Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STN3NE06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN3NE06
Description  N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3NE06 Datasheet(HTML) 1 Page - STMicroelectronics

  STN3NE06 Datasheet HTML 1Page - STMicroelectronics STN3NE06 Datasheet HTML 2Page - STMicroelectronics STN3NE06 Datasheet HTML 3Page - STMicroelectronics STN3NE06 Datasheet HTML 4Page - STMicroelectronics STN3NE06 Datasheet HTML 5Page - STMicroelectronics STN3NE06 Datasheet HTML 6Page - STMicroelectronics STN3NE06 Datasheet HTML 7Page - STMicroelectronics STN3NE06 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STN3NE06
N - CHANNEL 60V - 0.08
Ω - 3A - SOT-223
STripFET
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.08
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
AVALANCHE RUGGED TECHNOLOGY
s
100 % AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power Mosfet is the latest development of
STMicroelectronics
unique
”Single
Feature
Size
™ ” stip-based process. The resulting transis-
tor shows extremely high packing density for low
on-resistance, rugged avalanche characteristics
and less critical alignment steps therefore a re-
markable manufacturing reproducibility.
APPLICATIONS
s
DC MOTOR CONTROL (DISK DRIVES,etc.)
s
DC-DC & DC-AC CONVERTERS
s
SYNCHRONOUS RECTIFICATION
®
INTERNAL SCHEMATIC DIAGRAM
TYPE
VDSS
RDS(on)
ID
ST N3NE06
60 V
< 0.100
Ω
3A
August 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
VDS
Drain-source Voltage (VGS =0)
60
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
60
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
oC3
A
ID
Drain Current (continuous) at Tc =100
oC
1.8
A
IDM(
•)
Drain Current (pulsed)
12
A
Pto t
Total Dissipation at Tc =25
oC
2.5
W
Derat ing Fact or
0.02
W/
oC
dv/dt (1)
Peak Diode Recovery voltage slope
6
V/ ns
Tst g
St orage Temperature
-65 to 150
oC
Tj
Max. Operating Junction T emperat ure
150
oC
(
•) Pulse width limited by safe operating area
(1)ISD
≤ 12 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
New RDS (on) spec. starting from JULY 98
1
2
2
3
SOT-223
1/9


Similar Part No. - STN3NE06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN3NE06L STMICROELECTRONICS-STN3NE06L Datasheet
64Kb / 5P
N - CHANNEL 60V - 0.10 ohm - 3A - SOT-223 STripFETO POWER MOSFET
Aug-1998
More results

Similar Description - STN3NE06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN2NE06 STMICROELECTRONICS-STN2NE06 Datasheet
84Kb / 8P
N-CHANNEL 60V - 0.18ohm - 2A - SOT-223 STripFET POWER MOSFET
Apr-1999
STN2NE10L STMICROELECTRONICS-STN2NE10L Datasheet
85Kb / 8P
N-CHANNEL 100V - 0.33ohm - 2A SOT-223 STripFET POWER MOSFET
Mar-2000
STN2NF06 STMICROELECTRONICS-STN2NF06 Datasheet
105Kb / 9P
N - CHANNEL 60V - 0.12ohm - 2A - SOT-223 STripFET POWER MOSFET
Jul-1998
STN2NF06L STMICROELECTRONICS-STN2NF06L Datasheet
290Kb / 8P
N-CHANNEL 60V - 0.1 ohm - 2A SOT-223 STripFET™ II POWER MOSFET
Nov-2002
STN3NE06L STMICROELECTRONICS-STN3NE06L Datasheet
64Kb / 5P
N - CHANNEL 60V - 0.10 ohm - 3A - SOT-223 STripFETO POWER MOSFET
Aug-1998
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN3NF06L STMICROELECTRONICS-STN3NF06L Datasheet
286Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
118Kb / 6P
P-CHANNEL 60V - 0.18ohm - 3A SOT-223 STripFET™ II POWER MOSFET
Jan-2001
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
STN4NE03L STMICROELECTRONICS-STN4NE03L Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.037ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com