Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM6904SYEDS6F Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM6904SYEDS6F
Description  Quad, ultralow voltage supervisor with push-button reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6904SYEDS6F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM6904SYEDS6F Datasheet HTML 10Page - STMicroelectronics STM6904SYEDS6F Datasheet HTML 11Page - STMicroelectronics STM6904SYEDS6F Datasheet HTML 12Page - STMicroelectronics STM6904SYEDS6F Datasheet HTML 13Page - STMicroelectronics STM6904SYEDS6F Datasheet HTML 14Page - STMicroelectronics STM6904SYEDS6F Datasheet HTML 15Page - STMicroelectronics STM6904SYEDS6F Datasheet HTML 16Page - STMicroelectronics STM6904SYEDS6F Datasheet HTML 17Page - STMicroelectronics STM6904SYEDS6F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
DC and AC parameters
STM6904
14/21
VRST2
(4)
VTH2 V2IN reset threshold
Z (falling)
25°C
2.310
2.333
2.356
V
-40°C to 85°C
2.291
2.375
Y (falling)
25°C
2.166
2.188
2.210
V
-40°C to 85°C
2.149
2.227
W (falling)
25°C
1.666
1.683
1.700
V
-40°C to 85°C
1.653
1.713
G (falling)
25°C
1.099
1.110
1.121
V
-40°C to 85°C
1.090
1.130
F (falling)
25°C
1.040
1.050
1.061
V
-40°C to 85°C
1.031
1.069
VHYST
Reset threshold
hysteresis
Referenced to VRST1/VRST2
typical
0.5
%
tRD
VCC to RST delay
VCC = (VRST1 + 100 mV) to
(VRST1 – 100 mV)
20
µs
V2IN = (VRST2 + 75 mV) to
(VRST2 – 75 mV)
20
µs
tREC
(5)
tRP
RST time-out period
TRSEL = LOW (VSS)
140
210
280
ms
TRSEL = HIGH (VCC)
280
420
560
ms
Adjustable reset comparator input (V3IN and V4IN)
VRSTIN
V3IN, V4IN input
threshold
589
600
611
mV
I3IN,
I4IN
V3IN, V4IN input current
V3IN, V4IN > 0.8 V
-25
+25
nA
V3IN, V4IN hysteresis
3
mV
tRSTIND
V3IN, V4IN to RST output
delay
VRSTIN to (VRSTIN – 30 mV)
22
µs
Manual (push-button) reset input
VIL
MR input voltage
0.3 x VCC
V
VIH
0.7 x VCC
V
tMLMH
tMR
MR minimum pulse width
1
µs
tMLRL
tMRD MR to RST output delay
200
ns
Table 4.
DC and AC characteristics (continued)
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com