Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPE811 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STMPE811
Description  8-bit port expander with advanced touchscreen controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 1 Page - STMicroelectronics

  STMPE811 Datasheet HTML 1Page - STMicroelectronics STMPE811 Datasheet HTML 2Page - STMicroelectronics STMPE811 Datasheet HTML 3Page - STMicroelectronics STMPE811 Datasheet HTML 4Page - STMicroelectronics STMPE811 Datasheet HTML 5Page - STMicroelectronics STMPE811 Datasheet HTML 6Page - STMicroelectronics STMPE811 Datasheet HTML 7Page - STMicroelectronics STMPE811 Datasheet HTML 8Page - STMicroelectronics STMPE811 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
June 2008
Rev 1
1/54
54
STMPE811
8-bit port expander with advanced touchscreen controller
Features
8 GPIOs
1.8 - 3.3 V operating voltage
Integrated 4-wire touchscreen controller
Interrupt output pin
Wakeup feature on each I/O
SPI and I2C interface
Up to 2 devices sharing the same bus in I2C
mode (1 address line)
8-input 12-bit ADC
128-depth buffer touchscreen controller
Touchscreen movement detection algorithm
25 kV air-gap ESD protection (system level)
4 kV HBM ESD protection (device level)
Applications
Portable media players
Game consoles
Mobile and smart phones
Description
The STMPE811 is a GPIO (general purpose
input/output) port expander able to interface a
main digital ASIC via the two-line bidirectional bus
(I2C). A separate GPIO expander is often used in
mobile multimedia platforms to solve the
problems of the limited amount of GPIOs typically
available on the digital engine.
The STMPE811 offers great flexibility, as each I/O
can be configured as input, output or specific
functions. The device has been designed with
very low quiescent current and includes a wakeup
feature for each I/O, to optimize the power
consumption of the device.
A 4-wire touchscreen controller is built into the
STMPE811. The touchscreen controller is
enhanced with a movement tracking algorithm to
avoid excessive data, 128 x 32 bit buffer and a
programmable active window feature.
QFN16
Table 1.
Device summary
Order code
Package
Packaging
STMPE811QTR
QFN16
Tape and reel
www.st.com


Similar Part No. - STMPE811

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
8-bit port expander with advanced touch screen controller
24-Jul-2007
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
558Kb / 66P
S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
18-Apr-2011
STMPE811QTR STMICROELECTRONICS-STMPE811QTR Datasheet
50Kb / 3P
8-bit port expander with advanced touch screen controller
24-Jul-2007
STMPE811QTR STMICROELECTRONICS-STMPE811QTR Datasheet
651Kb / 64P
Advanced resistive touch screen controller with 8-bit GPIO expander
22-Apr-2009
STMPE811QTR STMICROELECTRONICS-STMPE811QTR Datasheet
558Kb / 66P
S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
18-Apr-2011
More results

Similar Description - STMPE811

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7310 MAXIM-MAX7310 Datasheet
316Kb / 15P
2-Wire-Interfaced 8-Bit I/O Port Expander with Reset
Rev 3; 2/05
logo
STMicroelectronics
STMPE2401 STMICROELECTRONICS-STMPE2401 Datasheet
946Kb / 55P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
29-May-2007
STMPE1601 STMICROELECTRONICS-STMPE1601 Datasheet
602Kb / 58P
16-bit enhanced port expander with keypad and PWM controller Xpander Logic
10-Jan-2008
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
8-bit port expander with advanced touch screen controller
24-Jul-2007
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
8-bit port expander Xpander logic
02-Jul-2007
STMPE2403 STMICROELECTRONICS-STMPE2403 Datasheet
890Kb / 63P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
08-Jun-2007
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
S-Touch?? advanced touchscreen controller with 6-bit port expander
12-Mar-2010
STMPE811 STMICROELECTRONICS-STMPE811_09 Datasheet
651Kb / 64P
Advanced resistive touch screen controller with 8-bit GPIO expander
22-Apr-2009
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
Xpander Logic™ 18-bit enhanced port expander with keypad controller
March 2011 Rev 3
STMPE811 STMICROELECTRONICS-STMPE811_V01 Datasheet
558Kb / 66P
S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
18-Apr-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com