Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPE811QTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STMPE811QTR
Description  8-bit port expander with advanced touchscreen controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811QTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STMPE811QTR Datasheet HTML 20Page - STMicroelectronics STMPE811QTR Datasheet HTML 21Page - STMicroelectronics STMPE811QTR Datasheet HTML 22Page - STMicroelectronics STMPE811QTR Datasheet HTML 23Page - STMicroelectronics STMPE811QTR Datasheet HTML 24Page - STMicroelectronics STMPE811QTR Datasheet HTML 25Page - STMicroelectronics STMPE811QTR Datasheet HTML 26Page - STMicroelectronics STMPE811QTR Datasheet HTML 27Page - STMicroelectronics STMPE811QTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Interrupt system
STMPE811
24/54
GPIO_INT_EN
GPIO interrupt enable register
Address:
0x0C
Type:
R/W
Reset:
0x10
Description:
The interrupt status register monitors the status of the interruption from a particular
interrupt source to the host. Regardless of whether the IER bits are enabled, the ISR
bits are still updated. Writing '1' to this register clears the corresponding bits. Writing
'0' has no effect.
GPIO_INT_STA
GPIO interrupt status register
Address:
0x0D
Type:
R/W
Reset:
0x00
Description:
The GPIO interrupt status register monitors the status of the interruption from a
particular GPIO pin interrupt source to the host. Regardless of whether or not the
GPIO_STA bits are enabled, the GPIO_STA bits are still updated. The ISG[7:0] bits
are the interrupt status bits corresponding to the GPIO[7:0] pins. Writing '1' to this
register clears the corresponding bits. Writing '0' has no effect.
7654
3
2
1
0
IEG[x]
[7:0] IEG[x]: Interrupt enable GPIO mask (where x = 7 to 0)
1: Writing ‘1’ to the IE[x] bit enables the interruption to the host
7654
3
2
1
0
ISG[x]
[7:0] ISG[x]: GPIO interrupt status (where x = 7 to 0)
Read:
Interrupt status of the GPIO[x]. Reading the register will clear any bits that have been set to '1'
Write:
Writing to this register has no effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com