Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74V1T66 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V1T66
Description  SINGLE BILATERAL SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1T66 Datasheet(HTML) 1 Page - STMicroelectronics

  74V1T66 Datasheet HTML 1Page - STMicroelectronics 74V1T66 Datasheet HTML 2Page - STMicroelectronics 74V1T66 Datasheet HTML 3Page - STMicroelectronics 74V1T66 Datasheet HTML 4Page - STMicroelectronics 74V1T66 Datasheet HTML 5Page - STMicroelectronics 74V1T66 Datasheet HTML 6Page - STMicroelectronics 74V1T66 Datasheet HTML 7Page - STMicroelectronics 74V1T66 Datasheet HTML 8Page - STMicroelectronics 74V1T66 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
April 2004
s
HIGH SPEED:
tPD = 0.3ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA =25°C
s
LOW "ON" RESISTANCE:
RON =6.5Ω (TYP.) AT VCC =5V, II/O =1mA
s
SINE WAVE DISTORTION:
0.04% AT VCC =5V, f = 1KHz
s
COMPATIBLE WITH TTL OUTPUTS ON
CONTROL PIN:
VIH =2V (MIN), VIL =0.8V (MAX)
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 4.5V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V1T66 is an advanced high-speed CMOS
SINGLE
BILATERAL
SWITCH
fabricated
in
silicon gate C2MOS technology. It achieves high
speed propagation delay and VERY LOW ON
resistances while maintaining true CMOS low
power consumption. This bilateral switch handles
rail to rail analog and digital signals that may vary
across the full power supply range (from GND to
VCC).
The C input is provided to control the switch and
it’s compatible with standard TTL output; the
switch is ON (port I/O is connected to Port O/I)
when the C input is held high and OFF (high
impedance state exists between the two ports)
when C is held low. It can be used in many
application as Battery Powered System, Test
Equipment. It’s available in the commercial and
extended temperature range in SOT23-5L and
SOT323-5L package.
All inputs and output are equipped with protection
circuits against static discharge, giving them ESD
immunity and transient excess voltage.
74V1T66
SINGLE BILATERAL SWITCH
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-5L
74V1T66STR
SOT323-5L
74V1T66CTR
SOT323-5L
SOT23-5L


Similar Part No. - 74V1T66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T66 STMICROELECTRONICS-74V1T66 Datasheet
66Kb / 9P
SINGLE BILATERAL SWITCH
Feb-2000
74V1T66C-TR STMICROELECTRONICS-74V1T66C-TR Datasheet
66Kb / 9P
SINGLE BILATERAL SWITCH
Feb-2000
74V1T66S-TR STMICROELECTRONICS-74V1T66S-TR Datasheet
66Kb / 9P
SINGLE BILATERAL SWITCH
Feb-2000
More results

Similar Description - 74V1T66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74H1G66 STMICROELECTRONICS-74H1G66 Datasheet
61Kb / 8P
SINGLE BILATERAL SWITCH
Feb-2000
74V1G66 STMICROELECTRONICS-74V1G66 Datasheet
67Kb / 9P
SINGLE BILATERAL SWITCH
Jun-2000
74V1T66 STMICROELECTRONICS-74V1T66 Datasheet
66Kb / 9P
SINGLE BILATERAL SWITCH
Feb-2000
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
SINGLE BILATERAL ANALOG SWITCH
logo
STMicroelectronics
74V1G66 STMICROELECTRONICS-74V1G66_04 Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
74H1G66 STMICROELECTRONICS-74H1G66_01 Datasheet
202Kb / 10P
SINGLE BILATERAL SWITCH
Jul-2001
74V1G66 STMICROELECTRONICS-74V1G66_08 Datasheet
359Kb / 15P
Single bilateral switch
28-Oct-2008
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66_09 Datasheet
532Kb / 17P
SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
SINGLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com