Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STN4NE03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN4NE03
Description  N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN4NE03 Datasheet(HTML) 1 Page - STMicroelectronics

  STN4NE03 Datasheet HTML 1Page - STMicroelectronics STN4NE03 Datasheet HTML 2Page - STMicroelectronics STN4NE03 Datasheet HTML 3Page - STMicroelectronics STN4NE03 Datasheet HTML 4Page - STMicroelectronics STN4NE03 Datasheet HTML 5Page - STMicroelectronics STN4NE03 Datasheet HTML 6Page - STMicroelectronics STN4NE03 Datasheet HTML 7Page - STMicroelectronics STN4NE03 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STN4NE03
N - CHANNEL 30V - 0.045
Ω - 4A - SOT-223
STripFET
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.045
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics unique ”
Single Feature
Size
™ ” strip-based process. The resulting
transistor shows extremely high packing density
for
low
on-resistance,
rugged
avalanche
characteristics and less critical alignment steps
therefore
a
remarkable
manufacturing
reproducibility.
APPLICATIONS
s
DC MOTOR CONTROL (DISK DRIVES, etc.)
s
DC-DC & DC-AC CONVERTERS
s
SYNCHRONOUS RECTIFICATION
s
POWER MANAGEMENT IN
BATTERY-OPERATED AND PORTABLE
EQUIPMENT
®
INTERNAL SCHEMATIC DIAGRAM
August 1998
1
2
2
3
SOT-223
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
VDS
Drain-source Voltage (VGS =0)
30
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
30
V
VGS
Gate-source Voltage
± 20
V
ID(*)
Drain Current (cont inuous) at Tc =25
oC4
A
ID(*)
Drain Current (cont inuous) at Tc =100
oC2.5
A
IDM(
•)
Drain Current (pulsed)
16
A
Ptot
Tot al Dissipation at Tc =25
oC2.5
W
Derating Fact or
0. 02
W/
oC
dv/dt (1)
Peak Diode Recovery voltage slope
6
V/ ns
Tstg
St orage Temperature
-65 to 150
oC
Tj
Max. Operat ing Junction Temperat ure
150
oC
(
•) Pulse width limited by safe operating area
(*) Limited by package
(1)ISD
≤ 10A, di/dt ≤ 300A/µs, VDD ≤ V(BR)DSS,Tj ≤ TjMAX
TYPE
VDSS
RDS(on)
ID
ST N4NE03
30 V
< 0.06
Ω
4A
1/8


Similar Part No. - STN4NE03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN4NE03L STMICROELECTRONICS-STN4NE03L Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.037ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
More results

Similar Description - STN4NE03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN2NE06 STMICROELECTRONICS-STN2NE06 Datasheet
84Kb / 8P
N-CHANNEL 60V - 0.18ohm - 2A - SOT-223 STripFET POWER MOSFET
Apr-1999
STN2NE10L STMICROELECTRONICS-STN2NE10L Datasheet
85Kb / 8P
N-CHANNEL 100V - 0.33ohm - 2A SOT-223 STripFET POWER MOSFET
Mar-2000
STN2NF06 STMICROELECTRONICS-STN2NF06 Datasheet
105Kb / 9P
N - CHANNEL 60V - 0.12ohm - 2A - SOT-223 STripFET POWER MOSFET
Jul-1998
STN3NE06 STMICROELECTRONICS-STN3NE06 Datasheet
94Kb / 8P
N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET
Aug-1998
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN3NF06L STMICROELECTRONICS-STN3NF06L Datasheet
286Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN4NE03L STMICROELECTRONICS-STN4NE03L Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.037ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
STN4NF03L STMICROELECTRONICS-STN4NF03L Datasheet
260Kb / 8P
N-CHANNEL 30V - 0.039ohm - 6.5A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STS4DNF60L STMICROELECTRONICS-STS4DNF60L Datasheet
71Kb / 5P
N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
Dec-1998
STN4NF03L STMICROELECTRONICS-STN4NF03L_06 Datasheet
228Kb / 12P
N-channel 30V - 0.039ohm - 6.5A - SOT-223 STripFET II Power MOSFET
09-Oct-2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com