Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS431AIZT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS431AIZT
Description  Low voltage adjustable shunt reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS431AIZT Datasheet(HTML) 2 Page - STMicroelectronics

  TS431AIZT Datasheet HTML 1Page - STMicroelectronics TS431AIZT Datasheet HTML 2Page - STMicroelectronics TS431AIZT Datasheet HTML 3Page - STMicroelectronics TS431AIZT Datasheet HTML 4Page - STMicroelectronics TS431AIZT Datasheet HTML 5Page - STMicroelectronics TS431AIZT Datasheet HTML 6Page - STMicroelectronics TS431AIZT Datasheet HTML 7Page - STMicroelectronics TS431AIZT Datasheet HTML 8Page - STMicroelectronics TS431AIZT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute maximum ratings and operating conditions
TS431
2/12
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VKA
Cathode to anode voltage
10
V
Ik
Continuous cathode current range
-20 to +40
mA
Iref
Reference input current range
-0.05 to +3
mA
Pd
Power dissipation(1)
TO92 package
SOT23-5 package
1.
Tjunction=150°C, Tamb=25°C with
RTHj-a=200°C/W for TO92 package and
RTHj-a=250°C/W for SOT23-5L package
625
500
mW
Tstg
Storage temperature range
-65 to +150
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VKA
Cathode to anode voltage
1.24 to 6
V
Ik
Cathode current
0.06 to 30
mA
Toper
Operating free air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com