Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP10NB20 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP10NB20
Description  N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NB20 Datasheet(HTML) 2 Page - STMicroelectronics

  STP10NB20 Datasheet HTML 1Page - STMicroelectronics STP10NB20 Datasheet HTML 2Page - STMicroelectronics STP10NB20 Datasheet HTML 3Page - STMicroelectronics STP10NB20 Datasheet HTML 4Page - STMicroelectronics STP10NB20 Datasheet HTML 5Page - STMicroelectronics STP10NB20 Datasheet HTML 6Page - STMicroelectronics STP10NB20 Datasheet HTML 7Page - STMicroelectronics STP10NB20 Datasheet HTML 8Page - STMicroelectronics STP10NB20 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
THERMAL DATA
TO-220
T O220FP
Rthj-ca se
Thermal Resistance Junction-case
Max
1.47
4. 17
oC/W
Rthj- amb
Rthc- si nk
Tl
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
62. 5
0.5
300
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symb ol
Parameter
Max Valu e
Uni t
IAR
Avalanche Current, Repetitive or Not -Repet itive
(pulse width limited by Tj max,
δ <1%)
10
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =IAR,VDD =50 V)
150
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
V(BR)DSS
Drain-source
Breakdown Volt age
ID =250
µAVGS =0
200
V
IDSS
Zero G ate Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rating
Tc =125
oC
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS =
± 30 V
± 100
nA
ON (
∗)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VGS(th)
Gate Threshold
Voltage
VDS =VGS
ID =250
µA
3
45V
RDS(on)
St atic Drain-source On
Resistance
VGS =10V
ID =5 A
0. 30
0.40
Ω
ID(o n)
On St ate Drain Current
VDS >ID(on) xRDS(on) max
VGS =10 V
10
A
DYNAMIC
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
gfs (
∗)Forward
Transconduct ance
VDS >ID(on) xRDS(on) max
ID =5 A
3
4
S
Ciss
Coss
Crss
Input Capacitance
Output Capacit ance
Reverse T ransfer
Capacitance
VDS =25 V
f = 1 MHz
VGS = 0
470
135
22
650
190
30
pF
pF
pF
STP10NB20/FP
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com