Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74VHC541MTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC541MTR
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC541MTR Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC541MTR Datasheet HTML 1Page - STMicroelectronics 74VHC541MTR Datasheet HTML 2Page - STMicroelectronics 74VHC541MTR Datasheet HTML 3Page - STMicroelectronics 74VHC541MTR Datasheet HTML 4Page - STMicroelectronics 74VHC541MTR Datasheet HTML 5Page - STMicroelectronics 74VHC541MTR Datasheet HTML 6Page - STMicroelectronics 74VHC541MTR Datasheet HTML 7Page - STMicroelectronics 74VHC541MTR Datasheet HTML 8Page - STMicroelectronics 74VHC541MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
November 2004
s
HIGH SPEED: tPD = 3.5 ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 4 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 541
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.9V (MAX.)
DESCRIPTION
The 74VHC541 is an advanced high-speed
CMOS
OCTAL
BUS
BUFFER
(3-STATE)
fabricated
with
sub-micron silicon gate and
double-layer metal wiring C2MOS technology.
The 3 STATE control gate operates as two input
AND such that if either G1 or G2 are high, all eight
outputs are in the high impedance state.
In order to enhance PC board layout, the
74VHC541 offers a pinout having inputs and
outputs on opposite sides of the package.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VHC541
OCTAL BUS BUFFER
WITH 3 STATE OUTPUTS (NON INVERTED)
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74VHC541MTR
TSSOP
74VHC541TTR
TSSOP
SOP
Rev. 4


Similar Part No. - 74VHC541MTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC541MTC FAIRCHILD-74VHC541MTC Datasheet
83Kb / 7P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
74VHC541MTC NSC-74VHC541MTC Datasheet
146Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
logo
ON Semiconductor
74VHC541MTC ONSEMI-74VHC541MTC Datasheet
203Kb / 9P
Octal Buffer/Line Driver
Revised May 2005
logo
National Semiconductor ...
74VHC541MTCX NSC-74VHC541MTCX Datasheet
146Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 74VHC541MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Jun-1999
74VHCT541A STMICROELECTRONICS-74VHCT541A Datasheet
63Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Aug-1999
logo
Toshiba Semiconductor
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
05-Aug-1997
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
06-Aug-1997
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
06-Aug-1997
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
06-Aug-1997
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
logo
STMicroelectronics
M74HC244 STMICROELECTRONICS-M74HC244 Datasheet
198Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Jul-2001
74AC541 STMICROELECTRONICS-74AC541 Datasheet
84Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Nov-1998
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Aug-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com