Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM6321LAWY6F Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM6321LAWY6F
Description  5-pin supervisor with watchdog timer and push-button reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6321LAWY6F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM6321LAWY6F Datasheet HTML 14Page - STMicroelectronics STM6321LAWY6F Datasheet HTML 15Page - STMicroelectronics STM6321LAWY6F Datasheet HTML 16Page - STMicroelectronics STM6321LAWY6F Datasheet HTML 17Page - STMicroelectronics STM6321LAWY6F Datasheet HTML 18Page - STMicroelectronics STM6321LAWY6F Datasheet HTML 19Page - STMicroelectronics STM6321LAWY6F Datasheet HTML 20Page - STMicroelectronics STM6321LAWY6F Datasheet HTML 21Page - STMicroelectronics STM6321LAWY6F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Maximum ratings
STM6321/6322STM6821/6822/6823/6824/6825
18/28
4
Maximum ratings
Stressing the device above the rating listed in Table 4 may cause permanent damage to the
device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality
documents.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VCC off)
–55 to 150
°C
TSLD
(1)
1.
Reflow at peak temperature of 260°C (total thermal budget not to exceed 245°C for greater than 30 seconds).
Lead solder temperature for 10 seconds
260
°C
VIO
Input or output voltage
–0.3 to VCC + 0.3
V
VCC
Supply voltage
–0.3 to 7.0
V
IO
Output current
20
mA
PD
Power dissipation
320
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com