Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP10NB50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP10NB50
Description  N - CHANNEL 500V - 0.55ohm - 10.6A - TO-220/TO-220FP PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NB50 Datasheet(HTML) 1 Page - STMicroelectronics

  STP10NB50 Datasheet HTML 1Page - STMicroelectronics STP10NB50 Datasheet HTML 2Page - STMicroelectronics STP10NB50 Datasheet HTML 3Page - STMicroelectronics STP10NB50 Datasheet HTML 4Page - STMicroelectronics STP10NB50 Datasheet HTML 5Page - STMicroelectronics STP10NB50 Datasheet HTML 6Page - STMicroelectronics STP10NB50 Datasheet HTML 7Page - STMicroelectronics STP10NB50 Datasheet HTML 8Page - STMicroelectronics STP10NB50 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STP10NB50
STP10NB50FP
N - CHANNEL 500V - 0.55
Ω - 10.6A - TO-220/TO-220FP
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.55
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
October 1999
1
2
3
TYPE
VDSS
RDS(on)
ID
ST P10NB50
ST P10NB50FP
500 V
500 V
<0. 60
Ω
<0. 60
Ω
10.6 A
10.6 A
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
ST P10NB50
STP10NB50F P
VDS
Drain-source Volt age (VGS =0)
500
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
500
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC
10.6
10.6(*)
A
ID
Drain Current (continuous) at Tc = 100
oC6.4
6.4(*)
A
IDM (
•)
Drain Current (pulsed)
42.4
42.4
A
Ptot
T otal Dissipation at Tc =25
oC
135
40
W
Derat ing Factor
1.08
0.32
W /
o C
dv/dt (1)
Peak Diode Recovery voltage slope
4.5
4.5
V/ns
VISO
Insulat ion Withstand Voltage (DC)
2000
V
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operat ing Junction T emperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 10.6 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
(*) Limited only by maximum temperature allowed
TO-220
TO-220FP
1
2
3
1/9


Similar Part No. - STP10NB50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP10NB50 ISC-STP10NB50 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
STP10NB50FP ISC-STP10NB50FP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP10NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
Aug-1998
STB10NB50 STMICROELECTRONICS-STB10NB50 Datasheet
85Kb / 8P
N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
Mar-1999
STP10NC50 STMICROELECTRONICS-STP10NC50 Datasheet
57Kb / 7P
N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
Nov-1999
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP4NB100 STMICROELECTRONICS-STP4NB100 Datasheet
109Kb / 9P
N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1999
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
May-2001
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh™ MOSFET
Apr-2003
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP8NC50 STMICROELECTRONICS-STP8NC50 Datasheet
352Kb / 10P
N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh™II MOSFET
Dec-2000
STP9NB50 STMICROELECTRONICS-STP9NB50 Datasheet
108Kb / 9P
N-CHANNEL 500V - 0.75 ohm - 8.6 A TO-220/TO-220FP PowerMesh MOSFET
May-2000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com