Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74VHCT574ATTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74VHCT574ATTR
Description  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT574ATTR Datasheet(HTML) 4 Page - STMicroelectronics

  74VHCT574ATTR Datasheet HTML 1Page - STMicroelectronics 74VHCT574ATTR Datasheet HTML 2Page - STMicroelectronics 74VHCT574ATTR Datasheet HTML 3Page - STMicroelectronics 74VHCT574ATTR Datasheet HTML 4Page - STMicroelectronics 74VHCT574ATTR Datasheet HTML 5Page - STMicroelectronics 74VHCT574ATTR Datasheet HTML 6Page - STMicroelectronics 74VHCT574ATTR Datasheet HTML 7Page - STMicroelectronics 74VHCT574ATTR Datasheet HTML 8Page - STMicroelectronics 74VHCT574ATTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
74VHCT574A
4/13
Table 6: DC Specifications
Table 7: AC Electrical Characteristics (Input tr = tf = 3ns)
(*) Voltage range is 5.0V
± 0.5V
Note 1: Parameter guaranteed by design. tsoLH = |tpLHm - tpLHn|, tsoHL = |tpHLm - tpHLn|
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
4.5 to
5.5
22
2
V
VIL
Low Level Input
Voltage
4.5 to
5.5
0.8
0.8
0.8
V
VOH
High Level Output
Voltage
4.5
IO=-50 µA
4.4
4.5
4.4
4.4
V
4.5
IO=-8 mA
3.94
3.8
3.7
VOL
Low Level Output
Voltage
4.5
IO=50 µA
0.0
0.1
0.1
0.1
V
4.5
IO=8 mA
0.36
0.44
0.55
IOZ
High Impedance
Output Leakage
Current
4.5 to
5.5
VI = VIH or VIL
VO = 0V to 5.5V
±0.25
± 2.5
± 2.5
µA
II
Input Leakage
Current
0 to
5.5
VI = 5.5V or GND
± 0.1
± 1.0
± 1.0
µA
ICC
Quiescent Supply
Current
5.5
VI = VCC or GND
440
40
µA
+ICC
Additional Worst
Case Supply
Current
5.5
One Input at 3.4V,
other input at VCC
or GND
1.35
1.5
1.5
mA
IOPD
Output Leakage
Current
0
VOUT = 5.5V
0.5
5.0
5.0
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time CK to Q
5.0(*)
15
5.5
8.6
1.0
10.0
1.0
10.0
ns
5.0(*)
50
7.0
10.6
1.0
12.0
1.0
12.0
tPZL
tPZH
Output Enable
Time
5.0(*)
15
RL = 1K
Ω
5.0
9.0
1.0
10.5
1.0
10.5
ns
5.0(*)
50
6.0
11.0
1.0
12.5
1.0
12.5
tPLZ
tPHZ
Output Disable
Time
5.0(*)
50
RL = 1K
Ω
7.0
10.1
1.0
11.5
1.0
11.5
ns
fMAX
Maximum Clock
Frequency
5.0(*)
15
90
140
80
80
MHz
5.0(*)
50
85
130
tOSLH
tOSHL
Output to Output
Skew time (note 1)
5.0(*)
50
1.5
1.5
1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com