Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A5973AD Datasheet(PDF) 3 Page - STMicroelectronics

Part # A5973AD
Description  Up to 1.5 A step down switching regulator for automotive applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5973AD Datasheet(HTML) 3 Page - STMicroelectronics

  A5973AD Datasheet HTML 1Page - STMicroelectronics A5973AD Datasheet HTML 2Page - STMicroelectronics A5973AD Datasheet HTML 3Page - STMicroelectronics A5973AD Datasheet HTML 4Page - STMicroelectronics A5973AD Datasheet HTML 5Page - STMicroelectronics A5973AD Datasheet HTML 6Page - STMicroelectronics A5973AD Datasheet HTML 7Page - STMicroelectronics A5973AD Datasheet HTML 8Page - STMicroelectronics A5973AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
A5973AD
Pin settings
3/19
1
Pin settings
1.1
Pin connection
Figure 2.
Pin connection (top view)
1.2
Pin description
Table 1.
Pin description
N
Pin
Description
1
OUT
Regulator output.
2
SYNCH
Master/slave synchronization. When it is open, a signal synchronous
with the turn-off of the internal power is present at the pin. When
connected to an external signal at a frequency higher than the internal
one, then the device is synchronized by the external signal. Connecting
together the SYNC pin of two devices, the one with the higher frequency
works as master and the other one, works as slave.
3INH
A logical signal (active high) disables the device. With IHN higher than
2.2 V the device is OFF and with INH lower than 0.8 V, the device is ON.
If INH is not used the pin must be grounded. When it is open, an internal
pullup disables the device.
4
COMP
E/A output for frequency compensation.
5FB
Feedback input. Connecting directly to this pin results in an output
voltage of 1.235 V. An extenal resistive divider is required for higher
output voltages (the typical value for the resistor connected between this
pin and ground is 4.7 k).
6
VREF
3.3 V VREF. No cap is requested for stability.
7
GND
Ground.
8
VCC
Unregulated DC input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com