Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACST4-7SB Datasheet(PDF) 1 Page - STMicroelectronics

Part # ACST4-7SB
Description  AC power switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST4-7SB Datasheet(HTML) 1 Page - STMicroelectronics

  ACST4-7SB Datasheet HTML 1Page - STMicroelectronics ACST4-7SB Datasheet HTML 2Page - STMicroelectronics ACST4-7SB Datasheet HTML 3Page - STMicroelectronics ACST4-7SB Datasheet HTML 4Page - STMicroelectronics ACST4-7SB Datasheet HTML 5Page - STMicroelectronics ACST4-7SB Datasheet HTML 6Page - STMicroelectronics ACST4-7SB Datasheet HTML 7Page - STMicroelectronics ACST4-7SB Datasheet HTML 8Page - STMicroelectronics ACST4-7SB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2007
Rev 4
1/13
ACST4
AC power switch
Main applications
■ AC static switching in appliance control
systems
■ Drive of low power high inductive or resistive
loads like
– spray pump in dishwashers
– an in air-conditioners
Features
■ Blocking voltage: VDRM /VRRM =
±700 V
■ Avalanche controlled: VCL typ = 1100 V
■ Nominal conducting current : IT(RMS) = 4 A
■ High surge current capability: 30 A for 20 ms
full wave
■ Gate triggering current: IGT < 10 mA or 25 mA
■ Switch integrated driver
■ High noise immunity: static dV/dt > 500 V/µs
Benefits
■ Enables equipment to meet IEC 61000-4-5
■ High off-state reliability with planar technology
■ No external overvoltage protection needed
■ Reduces the power component factor
■ Interfaces directly with the microcontroller
■ Direct interface with the microcontroller for the
ACST4-7S (I
GT < 10 mA)
Description
The ACST4 belongs to the AC power switch
family built around the ASD™ technology. This
high performance device is adapted to home
appliances or inductrial systems and drives loads
up to 4 A.
The ACS™ switch embeds a Triac structure with a
high voltage clamping device to absorb the
inductive turn-off energy and withstand line
transients such as those described in the
IEC 61000-4-5 standards.
Figure 1.
Functional diagram
TM: ASD and ACS are trademarks of STMicroelectronics.
OUT
OUT
COM
G
DPAK
ACST4-7SB/CB
TO-220FPAB
ACST4-7SFP/CFP
OUT
COM
G
OUT
COM
G
IPAK
ACST4-7SH/CH
OUT
COM
G
www.st.com


Similar Part No. - ACST4-7SB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST4-7SB STMICROELECTRONICS-ACST4-7SB Datasheet
91Kb / 9P
AC POWER SWITCH
Jan-2003
ACST4-7SB STMICROELECTRONICS-ACST4-7SB Datasheet
159Kb / 13P
Overvoltage protected AC switch
18-Dec-2009
logo
Kersemi Electronic Co.,...
ACST4-7SB KERSEMI-ACST4-7SB Datasheet
440Kb / 9P
AC POWER SWITCH
logo
STMicroelectronics
ACST4-7SB-TR STMICROELECTRONICS-ACST4-7SB-TR Datasheet
91Kb / 9P
AC POWER SWITCH
Jan-2003
logo
Kersemi Electronic Co.,...
ACST4-7SB-TR KERSEMI-ACST4-7SB-TR Datasheet
440Kb / 9P
AC POWER SWITCH
More results

Similar Description - ACST4-7SB

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1204 CLARE-PM1204 Datasheet
128Kb / 5P
AC Power Switch
PS1201 CLARE-PS1201 Datasheet
85Kb / 5P
AC Power Switch
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
AC Power Switch
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
AC Power Switch
CPC1943 CLARE-CPC1943_10 Datasheet
125Kb / 6P
AC Power Switch
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
AC Power Switch
CPC1972 CLARE-CPC1972_11 Datasheet
127Kb / 7P
AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
AC Power Switch
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
AC Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com