Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDA14V2-4BX Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDA14V2-4BX
Description  Quad bidirectional Transi array for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2-4BX Datasheet(HTML) 6 Page - STMicroelectronics

  ESDA14V2-4BX Datasheet HTML 1Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 2Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 3Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 4Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 5Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 6Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 7Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
ESDA14V2-4BF2
6/8
Figure 16.
Flip Chip tape and reel specification
Figure 14.
Foot print recommendations Figure 15.
Marking
Copper pad Diameter:
250 µm recommended, 300 µm max
Solder stencil opening: 330 µm
Solder mask opening recommendation:
340 µm min for 315 µm copper pad diameter
x
y
x
w
z
w
Dot, ST logo
xx = marking
yww = datecode
(y = year
ww = week)
z = manufacturing location
E
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4 ± 0.1
4 ± 0.1
Ø 1.5 ± 0.1
0.73 ± 0.05
1.22



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com