Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM6718MRGWB6F Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM6718MRGWB6F
Description  Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6718MRGWB6F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM6718MRGWB6F Datasheet HTML 17Page - STMicroelectronics STM6718MRGWB6F Datasheet HTML 18Page - STMicroelectronics STM6718MRGWB6F Datasheet HTML 19Page - STMicroelectronics STM6718MRGWB6F Datasheet HTML 20Page - STMicroelectronics STM6718MRGWB6F Datasheet HTML 21Page - STMicroelectronics STM6718MRGWB6F Datasheet HTML 22Page - STMicroelectronics STM6718MRGWB6F Datasheet HTML 23Page - STMicroelectronics STM6718MRGWB6F Datasheet HTML 24Page - STMicroelectronics STM6718MRGWB6F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
STM6717/6718/6719/6720/STM6777/6778/6779/6780
DC and AC parameters
21/29
Manual (push-button) reset input
VIL
MR input voltage
0.3VC
C1
V
VIH
0.7VCC1
V
tMLMH
tMR
MR minimum pulse width
(STM6717/18/19/20)
1µs
MR minimum pulse width
(STM6777/78/79/80)
MRC connected via
capacitor to VSS
(5)
6µs
tMLRL
tMRD
MR to RST output delay
200
ns
MR glitch immunity
(STM6717/18/19/20)
100
ns
MR pull-up resistance
25
50
80
k
Ω
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC1 = 0.8 to 5.5V and VCC2 = 0.8 to 3.6V (except where noted).
2.
Input leakage for the MRC pin is not tested.
3.
Guaranteed by design.
4.
The leakage current measured on the RST pin is tested with the reset de-asserted (output high impedance).
5.
Selecting the appropriate external capacitor (preferably less than 100pF) allows systems designers to vary the minimum
delay from 6µs (MRC pin left open) or more (see Table 7).
Table 6.
DC and AC characteristics (continued)
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit
Table 7.
tMLMH minimum pulse width
VCC1
Capacitor value(1)
100pF
0.1µF
2.2µF
3.3µF
4.7µF
6.8µF
1.6V
120µs
120ms
2.6s
4.0s
5.6s
8.2s
2.0V
122µs
122ms
2.7s
4.0s
5.8s
8.3s
3.0V
125µs
125ms
2.7s
4.1s
5.9s
8.5s
4.0V
128µs
129ms
2.8s
4.2s
6.0s
8.7s
5.0V
130µs
130ms
2.8s
4.3s
6.1s
8.8s
1.
At 25°C (typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com