Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDA14V2-4BX Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA14V2-4BX
Description  Quad bidirectional Transil array for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2-4BX Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA14V2-4BX Datasheet HTML 1Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 2Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 3Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 4Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 5Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 6Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 7Page - STMicroelectronics ESDA14V2-4BX Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ESDA14V2-4BF3
Characteristics
3/8
Figure 3.
Clamping voltage versus peak
pulse current (Tj initial = 25 °C)
(Rectangular waveform, tp = 2.5 µs)
Figure 4.
Junction capacitance versus
reverse applied voltage (typical
values)
0.1
1.0
10.0
0
102030
4050
60
I
PP(A)
tp =2.5 µs
Tj initial =25 °C
VCL(V)
0
2
4
6
8
10
12
14
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
C(pF)
F=1 MHz
V
OSC=30 mV RMS
Tj=25 °C
VR(V)
Figure 5.
Relative variation of leakage
current versus junction
temperature (typical values)
Figure 6.
ESD response to IEC 61000-4-2
(+15 kV air discharge)
1
10
100
25
50
75
100
125
I
R [Tj ]/ IR [Tj =25 °C]
Tj(°C)
Figure 7.
ESD response to IEC 61000-4-2
(-15 kV air discharge)
Figure 8.
Analog crosstalk measurements
100.0k
1.0M
10.0M
100.0M
1.0G
-120.00
-90.00
-60.00
-30.00
0.00
Xtalk
f/Hz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com