Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP11NK40Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP11NK40Z
Description  N-CHANNEL 400V - 0.49ohm - 9A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NK40Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP11NK40Z Datasheet HTML 1Page - STMicroelectronics STP11NK40Z Datasheet HTML 2Page - STMicroelectronics STP11NK40Z Datasheet HTML 3Page - STMicroelectronics STP11NK40Z Datasheet HTML 4Page - STMicroelectronics STP11NK40Z Datasheet HTML 5Page - STMicroelectronics STP11NK40Z Datasheet HTML 6Page - STMicroelectronics STP11NK40Z Datasheet HTML 7Page - STMicroelectronics STP11NK40Z Datasheet HTML 8Page - STMicroelectronics STP11NK40Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
April 2003
STP11NK40Z - STP11NK40ZFP
STB11NK40Z
N-CHANNEL 400V - 0.49
Ω - 9A TO-220/TO-220FP/D2PAK
Zener-Protected SuperMESH™Power MOSFET
s
TYPICAL RDS(on) = 0.49 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
s
LIGHTING
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP11NK40Z
STP11NK40ZFP
STB11NK40Z
400 V
400 V
400 V
< 0.55
Ω
< 0.55
Ω
< 0.55
Ω
9A
9A
9A
110 W
30 W
110 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP11NK40Z
P11NK40Z
TO-220
TUBE
STP11NK40ZFP
P11NK40ZFP
TO-220FP
TUBE
STB11NK40ZT4
B11NK40Z
D2PAK
TAPE & REEL
TO-220
TO-220FP
1
2
3
1
3
D2PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP11NK40Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NK40Z STMICROELECTRONICS-STP11NK40Z Datasheet
421Kb / 16P
N-channel 400V - 0.49Ω - 9A TO-220 - TO-220FP - D2PAK Zener-protected SuperMESHTM Power MOSFET
18-Jan-2007
STP11NK40Z STMICROELECTRONICS-STP11NK40Z Datasheet
507Kb / 17P
N-channel 400 V, 0.49 Ω, 9 A, TO-220, TO-220FP, D2PAK Zener-protected SuperMESH™ Power MOSFET
20-Apr-2009
logo
Inchange Semiconductor ...
STP11NK40Z ISC-STP11NK40Z Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP11NK40ZFP STMICROELECTRONICS-STP11NK40ZFP Datasheet
421Kb / 16P
N-channel 400V - 0.49Ω - 9A TO-220 - TO-220FP - D2PAK Zener-protected SuperMESHTM Power MOSFET
18-Jan-2007
STP11NK40ZFP STMICROELECTRONICS-STP11NK40ZFP Datasheet
507Kb / 17P
N-channel 400 V, 0.49 Ω, 9 A, TO-220, TO-220FP, D2PAK Zener-protected SuperMESH™ Power MOSFET
20-Apr-2009
More results

Similar Description - STP11NK40Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NK80Z STMICROELECTRONICS-STP10NK80Z Datasheet
458Kb / 11P
N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP11NK50Z STMICROELECTRONICS-STP11NK50Z Datasheet
585Kb / 12P
N-CHANNEL 500V - 0.48ohm - 10A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
Jun-2003
STP17NK40Z STMICROELECTRONICS-STP17NK40Z Datasheet
394Kb / 10P
N-CHANNEL 400V - 0.23ohm - 15A TO-220/TO-220FP Zener-Protected SuperMESH™ Power MOSFET
Oct-2002
STP9NK50Z STMICROELECTRONICS-STP9NK50Z Datasheet
572Kb / 12P
N-CHANNEL 500V - 0.72ohm - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
June 2002
STP10NK50Z STMICROELECTRONICS-STP10NK50Z Datasheet
505Kb / 12P
N-CHANNEL 500V - 0.55??- 9A TO-220 / TO-220FP Zener-Protected SuperMESH MOSFET
08-Sep-2005
STP7NK80Z STMICROELECTRONICS-STP7NK80Z_06 Datasheet
432Kb / 18P
N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
09-Oct-2006
STP9NK50Z STMICROELECTRONICS-STP9NK50Z_04 Datasheet
580Kb / 13P
N-CHANNEL 500V - 0.72W - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH??Power MOSFET
Jun-2004
STB6NK60Z STMICROELECTRONICS-STB6NK60Z Datasheet
558Kb / 17P
N-channel 600V - 1廓 - 6A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
23-May-2007
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
10-Apr-2007
STB11NK40Z STMICROELECTRONICS-STB11NK40Z_07 Datasheet
421Kb / 16P
N-channel 400V - 0.49Ω - 9A TO-220 - TO-220FP - D2PAK Zener-protected SuperMESHTM Power MOSFET
18-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com