Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDA18-1F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA18-1F2
Description  Transil, transient voltage suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA18-1F2 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA18-1F2 Datasheet HTML 1Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 2Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 3Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 4Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 5Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 6Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 7Page - STMicroelectronics ESDA18-1F2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
April 2008
Rev 2
1/8
8
ESDA18-1F2
Transil™, transient voltage suppressor
Features
■ Stand-off voltage 16V
■ Unidirectional device
■ Low clamping factor VCL/VBR
■ Fast response time
■ Very thin package: 0.65 mm
Complies with the following standards
■ IEC 61000-4-2 Level 4
– 15 kV (air discharge)
– 8 kV (contact discharge)
Description
The ESDA18-1F2 is a single line Transil diode
designed specifically for the protection of
integrated circuits into portable equipment and
miniaturized electronics devices subject to ESD
and EOS transient overvoltages.
Figure 1.
Pin configuration (bump side)
TM: Transil is a trademark of STMicroelectronics.
Flip Chip
(4 bumps)
B
1
2
K
K
A
A
A
KA
www.st.com


Similar Part No. - ESDA18-1F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2 Datasheet
88Kb / 7P
Transient Voltage Suppressor
2005-May-09
More results

Similar Description - ESDA18-1F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM2T STMICROELECTRONICS-SM2T Datasheet
39Kb / 5P
Transient Voltage Suppressor: TRANSIL ?
Apr-2002
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
STMicroelectronics
ESDCAN24-2BLY STMICROELECTRONICS-ESDCAN24-2BLY Datasheet
219Kb / 9P
Automotive dual-line Transil, transient voltage suppressor (TVS) for CAN bus
07-Nov-2012
LFTVS10-1F3 STMICROELECTRONICS-LFTVS10-1F3 Datasheet
98Kb / 7P
Transil, transient voltage suppressor
21-Nov-2008
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
Transil, transient voltage surge suppressor (TVS)
14-Dec-2012
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
Transil?? transient voltage surge suppressor (TVS)
14-Dec-2012
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
Transil, transient voltage surge suppressor (TVS)
26-Apr-2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com