Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMIF02-MIC01F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF02-MIC01F2
Description  2-line IPAD, EMI filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC01F2 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF02-MIC01F2 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
April 2008
Rev 6
1/7
7
EMIF02-MIC01F2
2-line IPAD™, EMI filter including ESD protection
Features
■ 2-line symetrical low-pass filter
■ Lead-free package
■ High-density capacitor
■ High-efficiency EMI filtering
■ Very small PCB footprint: 1.42 mm x 1.92 mm
■ Very thin package: 0.65 mm
■ High-efficiency ESD suppression
(IEC 61000-4-2 level 4)
■ High reliability offered by monolithic integration
Complies with the standards:
■ IEC61000-4-2 Level 4 on inputs and outputs
– 15 kV (air discharge)
– 8 kV (contact discharge)
Application
■ Mobile phones (differential microphone filtering
and ESD protection).
Description
The EMIF02-MIC01F2 is a highly integrated
device designed to suppress EMI / RFI noise for
microphone line filtering.
The EMIF02-MIC01F2 Flip Chip packaging
means the package size is equal to the die size.
This is why the EMIF02-MIC01F2 is a very small
device.
Additionally, the filter includes an ESD protection
circuit to prevent damage to the protected device
when subjected to ESD surges up to 15 kV.
TM: IPAD is a trademark of STMicroelectronics.
Figure 1.
Pin configuration (bump side
view)
Figure 2.
Schematic
Flip Chip
11 bumps
4
3
21
A
B
C
R4
R6
C6
GND
GND
R3
R5
Vcc
To Mic
to pre-amp
codec
C5
GND
C3
GND
C4
GND
GND
GND
C2
C1
GND
R1
R2
GND
GND
GND
Meas
B4
C4
B1
C1
A2
C2
A4
A3,B2,B3,C3 are ground pins
www.st.com


Similar Part No. - EMIF02-MIC01F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-MIC02F1 STMICROELECTRONICS-EMIF02-MIC02F1 Datasheet
73Kb / 7P
2 LINES EMI FILTER INCLUDING ESD PROTECTION
12-Oct-2004
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2 Datasheet
73Kb / 7P
2 LINES EMI FILTER INCLUDING ESD PROTECTION
12-Oct-2004
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2 Datasheet
110Kb / 8P
2-line IPAD, EMI filter and ESD protection
17-Apr-2008
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
2-line IPAD, EMI filter and ESD protection
17-Apr-2008
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_11 Datasheet
114Kb / 8P
2-line IPAD?? EMI filter and ESD protection
26-May-2011
More results

Similar Description - EMIF02-MIC01F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-USB01F2 STMICROELECTRONICS-EMIF02-USB01F2 Datasheet
116Kb / 8P
2-line IPAD?? EMI filter including ESD protection
29-Apr-2008
EMIF10-1K010F2 STMICROELECTRONICS-EMIF10-1K010F2_08 Datasheet
183Kb / 8P
10-line IPAD?? EMI filter including ESD protection
17-Apr-2008
EMIF01-SMIC01F2 STMICROELECTRONICS-EMIF01-SMIC01F2 Datasheet
150Kb / 7P
Single line IPAD?? EMI filter including ESD protection
24-Apr-2008
EMIF02-MIC02F3 STMICROELECTRONICS-EMIF02-MIC02F3 Datasheet
183Kb / 8P
2-line IPAD, EMI filter including ESD protection
28-Apr-2008
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_08 Datasheet
188Kb / 8P
2-line IPAD, EMI filter including ESD protection
28-Apr-2008
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_10 Datasheet
195Kb / 8P
2-line IPAD?? EMI filter including ESD protection
08-Feb-2010
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2_10 Datasheet
188Kb / 8P
3-line IPAD??EMI filter including ESD protection
02-Sep-2010
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3_10 Datasheet
288Kb / 9P
3-line IPAD?? EMI filter including ESD protection
07-Apr-2010
EMIF03-SIM04F3 STMICROELECTRONICS-EMIF03-SIM04F3 Datasheet
193Kb / 7P
3-line IPAD?? EMI filter including ESD protection
12-Oct-2010
EMIF03SIM02F2 STMICROELECTRONICS-EMIF03SIM02F2 Datasheet
153Kb / 8P
3-line IPAD?? EMI filter including ESD protection
24-Apr-2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com