Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDAULC6-3BF2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDAULC6-3BF2
Description  ESD protection for high speed interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAULC6-3BF2 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDAULC6-3BF2 Datasheet HTML 1Page - STMicroelectronics ESDAULC6-3BF2 Datasheet HTML 2Page - STMicroelectronics ESDAULC6-3BF2 Datasheet HTML 3Page - STMicroelectronics ESDAULC6-3BF2 Datasheet HTML 4Page - STMicroelectronics ESDAULC6-3BF2 Datasheet HTML 5Page - STMicroelectronics ESDAULC6-3BF2 Datasheet HTML 6Page - STMicroelectronics ESDAULC6-3BF2 Datasheet HTML 7Page - STMicroelectronics ESDAULC6-3BF2 Datasheet HTML 8Page - STMicroelectronics ESDAULC6-3BF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
ESDAULC6-3BP6, ESDAULC6-3BF2
2/11
1
Characteristics
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value (min.) Unit
VPP
Peak pulse voltage (1)
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
15
15
kV
Tj
Maximum operating junction temperature
150
°C
Tstg
Storage temperature range
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s at 5 mm for case
260
°C
Table 3.
Electrical characteristics (Tamb = 25° C)
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
C
Capacitance
Rd
Dynamic resistance
Parameter
Test condition
Min
Typ
Max
Unit
VBR
(1)
1.
Same value for I/O to I/O and I/O to GND
IR = 1 mA
6.0
9.2
V
IRM
VRM = 5 V
0.5
µA
Rd
Square pulse, IPP = 6 A, tp = 2.5 µs
1.4
Ω
αT
1.2
10-4/°C
Ci/o-i/o
VI/O = 0 V,
F = 1 MHz, VOSC = 30 mV
SOT-666
1.0
1.25
pF
Flip-Chip
1.25
1.5
VI/O = 1.65 V, VCC = 4.3 V,
F = 1 MHz, VOSC = 400 mV
SOT-666
0.75
0.9
Flip-Chip
0.9
1.20
V
I
VCL
VCL
VBR
VBR
VRM
VRM
IRM
IPP
Slope: 1/Rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com