Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP11NM80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP11NM80
Description  N-CHANNEL 800V - 0.35ohm - 11A TO-220/FP/D2PAK/TO-247 MDmesh Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NM80 Datasheet(HTML) 1 Page - STMicroelectronics

  STP11NM80 Datasheet HTML 1Page - STMicroelectronics STP11NM80 Datasheet HTML 2Page - STMicroelectronics STP11NM80 Datasheet HTML 3Page - STMicroelectronics STP11NM80 Datasheet HTML 4Page - STMicroelectronics STP11NM80 Datasheet HTML 5Page - STMicroelectronics STP11NM80 Datasheet HTML 6Page - STMicroelectronics STP11NM80 Datasheet HTML 7Page - STMicroelectronics STP11NM80 Datasheet HTML 8Page - STMicroelectronics STP11NM80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
October 2005
STP11NM80 - STF11NM80
STB11NM80 - STW11NM80
N-CHANNEL 800V - 0.35
Ω - 11 A TO-220 /FP/D2PAK/TO-247
MDmesh™ MOSFET
Table 1: General Features
■
TYPICAL RDS(on) = 0.35 Ω
■
LOW GATE INPUT RESISTANCE
■
LOW INPUT CAPACITANCE AND GATE
CHARGE
■
BEST RDS(on)*Qg IN THE INDUSTRY
DESCRIPTION
The MDmesh™ associates the Multiple Drain pro-
cess with the Company’s PowerMesh™ horizontal
layout assuring an oustanding low on-resistance.
The adoption of the Company’s proprietary strip
technique yields overall dynamic performance that
is significantly better than that of similar competi-
tion’s products.
APPLICATIONS
The 800 V MDmesh™ family is very suitable for
single switch applications in particular for Flyback
and Forward converter topologies and for ignition
circuits in the field of lighting.
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
RDS(on)*Qg
ID
STP11NM80
STF11NM80
STB11NM80
STW11NM80
800 V
800 V
800 V
800 V
< 0.40
Ω
< 0.40
Ω
< 0.40
Ω
< 0.40
Ω
14
Ω∗nC
14
Ω∗nC
14
Ω∗nC
14
Ω∗nC
11 A
11 A
11 A
11 A
1
2
3
1
3
1
2
3
1
2
3
TO-220
D2PAK
TO-247
TO-220FP
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP11NM80
P11NM80
TO-220
TUBE
STF11NM80
F11NM80
TO-220FP
TUBE
STB11NM80T4
B11NM80
D2PAK
TAPE & REEL
STW11NM80
W11NM80
TO-247
TUBE
Rev. 2


Similar Part No. - STP11NM80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM80 STMICROELECTRONICS-STP11NM80 Datasheet
467Kb / 17P
N-channel 800 V - 0.35 廓 - 11 A - TO-220/FP- D2PAK - TO-247 MDmesh??Power MOSFET
20-Dec-2007
STP11NM80 STMICROELECTRONICS-STP11NM80 Datasheet
949Kb / 17P
N-channel 800 V, 0.35 Ω, 11 A MDmesh™Power MOSFET TO-220, TO-220FP, D2PAK, TO-247
24-Mar-2010
STP11NM80 STMICROELECTRONICS-STP11NM80 Datasheet
908Kb / 22P
N-channel 800 V, 0.35 Ω, 11 A MDmesh™ Power MOSFET in D²PAK, TO-220FP, I²PAK, TO-220, TO-247
12-Sep-2011
logo
Inchange Semiconductor ...
STP11NM80 ISC-STP11NM80 Datasheet
331Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP11NM80 STMICROELECTRONICS-STP11NM80_10 Datasheet
949Kb / 17P
N-channel 800 V, 0.35 Ω, 11 A MDmesh™Power MOSFET TO-220, TO-220FP, D2PAK, TO-247
24-Mar-2010
More results

Similar Description - STP11NM80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM60 STMICROELECTRONICS-STP11NM60 Datasheet
548Kb / 12P
N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh™ Power MOSFET
May-2003
STP20NM50 STMICROELECTRONICS-STP20NM50 Datasheet
532Kb / 16P
N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
05-Sep-2005
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
17-Feb-2005
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh™ Power MOSFET
Jun-2003
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
12-Jan-2007
STB12NM50N STMICROELECTRONICS-STB12NM50N Datasheet
510Kb / 18P
N-channel 500V - 0.29Ω - 11A - TO-220 /FP- D2PAK - DPAK Second generation MDmesh™Power MOSFET
14-Nov-2006
STP25NM60N STMICROELECTRONICS-STP25NM60N_07 Datasheet
523Kb / 18P
N-channel 600V - 0.140Ω - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
19-Jan-2007
STB13NM50N STMICROELECTRONICS-STB13NM50N Datasheet
622Kb / 17P
N-channel 500V - 0.250廓 - 12A - TO-220/FP - TO-247-I2/D2PAK Second generation MDmesh??Power MOSFET
08-May-2007
STB11NM80 STMICROELECTRONICS-STB11NM80_07 Datasheet
467Kb / 17P
N-channel 800 V - 0.35 廓 - 11 A - TO-220/FP- D2PAK - TO-247 MDmesh??Power MOSFET
20-Dec-2007
STB25NM50N STMICROELECTRONICS-STB25NM50N_07 Datasheet
514Kb / 18P
N-channel 500V - 0.11廓 - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
19-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com